Electronic Components Datasheet Search
  English  ▼

X  

LM96080 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM96080
Description  LM96080 System Hardware Monitor with 2-Wire Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96080 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM96080 Datasheet HTML 24Page - Texas Instruments LM96080 Datasheet HTML 25Page - Texas Instruments LM96080 Datasheet HTML 26Page - Texas Instruments LM96080 Datasheet HTML 27Page - Texas Instruments LM96080 Datasheet HTML 28Page - Texas Instruments LM96080 Datasheet HTML 29Page - Texas Instruments LM96080 Datasheet HTML 30Page - Texas Instruments LM96080 Datasheet HTML 31Page - Texas Instruments LM96080 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LM96080
SNAS465D – SEPTEMBER 2009 – REVISED MARCH 2013
www.ti.com
Value RAM—Address 20h–3Fh(1)
Address A7–A0
Description
20h
IN0 reading (10-bit)
21h
IN1 reading (10-bit)
22h
IN2 reading (10-bit)
23h
IN3 reading (10-bit)
24h
IN4 reading (10-bit)
25h
IN5 reading (10-bit)
26h
IN6 reading (10-bit)
27h
Temperature reading (9-bit or 12-bit for easy read-back)
28h
FAN1 reading
Note: This location stores the number of counts of the internal clock per revolution.
29h
FAN2 reading
Note: This location stores the number of counts of the internal clock per revolution.
2Ah
IN0 High Limit
2Bh
IN0 Low Limit
2Ch
IN1 High Limit
2Dh
IN1 Low Limit
2Eh
IN2 High Limit
2Fh
IN2 Low Limit
30h
IN3 High Limit
31h
IN3 Low Limit
32h
IN4 High Limit
33h
IN4 Low Limit
34h
IN5 High Limit
35h
IN5 Low Limit
36h
IN6 High Limit
37h
IN6 Low Limit
38h
Hot Temperature Limit (High)
39h
Hot Temperature Hysteresis Limit (Low)
3Ah
OS Temperature Limit (High)
3Bh
OS Temperature Hysteresis Limit (Low)
3Ch
FAN1 Fan Count Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Dh
FAN2 Fan Count Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Eh
Manufacturer's ID always defaults to 0000 0001; this register is writable and can be reset to the default value by the
INITIALIZATION bit in the Configuration Register (address 00h, bit 7).
3Fh
Stepping/Die Revision ID always defaults to 0000 1000; this register is writable and can be reset to the default
value by the INITIALIZATION bit in the Configuration Register.
(1)
Setting all ones to the high limits for voltages and fans (0111 1111 binary for temperature) means interrupts will never be generated
except the case when voltages go below the low limits.
For voltage input high limits, the device is doing a greater than comparison. For low limits, however, it is doing a less than or equal to
comparison.
28
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM96080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com