Electronic Components Datasheet Search
  English  ▼

X  

LMH0026 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH0026
Description  LMH0026 SD SDI Reclocker with Dual Differential Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0026 Datasheet(HTML) 3 Page - Texas Instruments

  LMH0026 Datasheet HTML 1Page - Texas Instruments LMH0026 Datasheet HTML 2Page - Texas Instruments LMH0026 Datasheet HTML 3Page - Texas Instruments LMH0026 Datasheet HTML 4Page - Texas Instruments LMH0026 Datasheet HTML 5Page - Texas Instruments LMH0026 Datasheet HTML 6Page - Texas Instruments LMH0026 Datasheet HTML 7Page - Texas Instruments LMH0026 Datasheet HTML 8Page - Texas Instruments LMH0026 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LMH0026
NC
RSVD
OP MUTE
XTAL IN/EXT CLK
LF2
LF1
SDI
SDI
VCC
BP/ AUTO-BP
1
2
3
4
5
6
7
8
9
10
SCO_EN
11
12
13
14
15
16
17
18
19
20
XTAL OUT
LOCK DET
SCO/SDO2
SCO/SDO2
VCCO
VCCO
SDO
SDO
SD
LMH0026
www.ti.com
SNLS253B – MARCH 2008 – REVISED APRIL 2013
CONNECTION DIAGRAM
The exposed die attach pad is the negative electrical terminal for this device. It must be connected to the negative
power supply voltage.
Figure 1. 20-Pin HTSSOP
PIN DESCRIPTIONS
Pin
Name
Description
1
LF1
Loop Filter.
2
LF2
Loop Filter.
3
NC
No Connect. Not bonded internally.
4
RSVD
Reserved. Do not connect or connect to ground.
5
SDI
Data Input true.
6
SDI
Data Input complement.
7
VCC
Positive power supply input.
Bypass/Auto Bypass mode select. Bypasses reclocking when high. This pin has an internal
8
BYPASS/AUTO BYPASS
pulldown.
Data and Clock Output Mute input. Mutes the output when low. This pin has an internal
9
OUTPUT MUTE
pullup.
10
XTAL IN/EXT CLK
Crystal or External Oscillator input.
11
XTAL OUT
Crystal Oscillator output.
12
LOCK DETECT
PLL Lock Detect output (active high).
13
SCO/SDO2
Serial Clock or Serial Data Output 2 complement.
14
SCO/SDO2
Serial Clock or Serial Data Output 2 true.
15
VCCO
Positive power supply input (Output Driver).
16
SDO
Data Output complement.
17
SDO
Data Output true.
18
VCCO
Positive power supply input (output driver).
19
SD
SD indicator output. Output is high when locked to 270 Mbps.
Serial Clock or Serial Data 2 Output select. Sets second output to output the clock when
20
SCO_EN
high and the data when low. This pin has an internal pulldown.
DAP
VEE
Connect exposed DAP to negative power supply (ground).
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com