Electronic Components Datasheet Search
  English  ▼

X  

LMH0026 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH0026
Description  LMH0026 SD SDI Reclocker with Dual Differential Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0026 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH0026 Datasheet HTML 3Page - Texas Instruments LMH0026 Datasheet HTML 4Page - Texas Instruments LMH0026 Datasheet HTML 5Page - Texas Instruments LMH0026 Datasheet HTML 6Page - Texas Instruments LMH0026 Datasheet HTML 7Page - Texas Instruments LMH0026 Datasheet HTML 8Page - Texas Instruments LMH0026 Datasheet HTML 9Page - Texas Instruments LMH0026 Datasheet HTML 10Page - Texas Instruments LMH0026 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
50:
SDO, SCO/SDO2
VCC
VCC
50:
VCC
SDO, SCO/SDO2
LMH0026
www.ti.com
SNLS253B – MARCH 2008 – REVISED APRIL 2013
Figure 3. Equivalent SDO Output Circuit (SDO, SDO, SCO/SDO2, SCO/SDO2)
SERIAL DATA CLOCK/SERIAL DATA 2 OUTPUT
The Serial Data Clock/Serial Data 2 Output is controlled by the SCO_EN input and provides either a second
retimed serial data output or a low jitter differential clock output appropriate to the serial data rate being
processed. When operating as a serial clock output, the rising edge of the clock will be positioned within the
corresponding serial data bit interval within 10% of the center of the data interval.
Differential output SCO/SDO2 functions as the second serial data output when the SCO_EN input is a logic-low
level. This output functions as the serial data-rate clock output when the SCO_EN input is a logic-high level. The
SCO_EN input has an internal pull-down device and the default state of SCO_EN is low (serial data output 2
enabled). SCO/SDO2 is muted when the OUTPUT MUTE input is a logic low level. When the Bypass mode is
activated and this output is functioning as a serial clock output, the output will also be muted. If an unsupported
data rate is used while in Auto Bypass mode with this output functioning as a serial clock output, the output is
invalid.
Control Inputs and Indicator Outputs
LOCK DETECT
The Lock Detect (LD) output, when high, indicates that data is being received and the PLL is locked. LD may be
connected to the OUTPUT MUTE input to mute the data and clock outputs when no data signal is being
received. Note that when the Bypass/Auto Bypass input is set high, Lock Detect will remain low. See Table 1.
OUTPUT MUTE
The OUTPUT MUTE input, when low, mutes the serial data and clock outputs. It may be connected to Lock
Detect or externally driven to mute or un-mute the outputs. If OUTPUT MUTE is connected to LD, then the data
and clock outputs are muted when the PLL is not locked. This function overrides the Bypass function: see
Table 1. OUTPUT MUTE has an internal pull-up device to enable the output by default.
BYPASS/AUTO BYPASS
The Bypass/Auto Bypass input, when high, forces the device to output the data without reclocking it. When this
input is low, the device automatically bypasses the reclocking function when the device is in an unlocked
condition or the detected data rate is a rate which the device does not support. Note that when the Bypass/Auto
Bypass input is set high, Lock Detect will remain low. See Table 1. BYPASS/AUTO BYPASS has an internal pull-
down device.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com