Electronic Components Datasheet Search
  English  ▼

X  

LMH0026 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH0026
Description  LMH0026 SD SDI Reclocker with Dual Differential Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0026 Datasheet(HTML) 5 Page - Texas Instruments

  LMH0026 Datasheet HTML 1Page - Texas Instruments LMH0026 Datasheet HTML 2Page - Texas Instruments LMH0026 Datasheet HTML 3Page - Texas Instruments LMH0026 Datasheet HTML 4Page - Texas Instruments LMH0026 Datasheet HTML 5Page - Texas Instruments LMH0026 Datasheet HTML 6Page - Texas Instruments LMH0026 Datasheet HTML 7Page - Texas Instruments LMH0026 Datasheet HTML 8Page - Texas Instruments LMH0026 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LMH0026
www.ti.com
SNLS253B – MARCH 2008 – REVISED APRIL 2013
DC ELECTRICAL CHARACTERISTICS (continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1)(2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VSDOD
Serial Output Voltage,
100
Ω differential load
SDO, SCO
720
800
880
mVP-P
Differential
VCMO
Output Common Mode
100
Ω differential load
VCC−
V
Voltage
VSDOD
ICC
Power Supply Current,
270 Mbps
100
mA
3.3V supply, Total
AC ELECTRICAL CHARACTERISTICS
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BRSD
Serial Data Rate
SMPTE 259M-C
SDI, SDO
270
Mbps
TOLJIT
Serial Input Jitter
270 Mbps,
SDI
>6
UIP-P
Tolerance
(2) (3) (4)
TOLJIT
Serial Input Jitter
270 Mbps, (2) (3) (5)
>0.6
UIP-P
Tolerance
tJIT
Serial Data Output Jitter
270 Mbps, (3) (6)
SDO
0.02
0.08
UIP-P
BWLOOP
Loop Bandwidth
270 Mbps,
300
kHz
<0.1dB Peaking
FCO
Serial Clock Output
270 Mbps data rate
SCO
270
MHz
Frequency
tJIT
Serial Clock Output Jitter
2
3
psRMS
Serial Clock Output
SDO, SCO
Alignment with respect to
40
60
%
Data Interval
Serial Clock Output Duty
SCO
45
55
%
Cycle
TACQ
Acquisition Time
(7) (8)15
ms
tr, tf
Input rise/fall time
10%–90%
Logic inputs
1.5
3
ns
tr, tf
Input rise/fall time
20%–80%
SDI
1500
ps
tr, tf
Output rise/fall time
10%–90%
Logic outputs
1.5
3
ns
tr, tf
Output rise/fall time
20%–80%, (9)
SDO, SCO
90
130
ps
FREF
Reference Clock
27
MHz
Frequency
FTOL
Reference Clock
±50
ppm
Frequency Tolerance
(1)
Typical values are stated for: VCC = +3.3V, TA = +25°C.
(2)
Peak-to-peak amplitude with sinusoidal modulation per SMPTE RP 184-1996 paragraph 4.1. The test data signal shall be color bars.
(3)
This parameter is ensured by characterization over voltage and temperature limits.
(4)
Refer to “A1” in Figure 1 of SMPTE RP 184-1996.
(5)
Refer to “A2” in Figure 1 of SMPTE RP 184-1996.
(6)
Serial Data Output Jitter is total output jitter with 0.2 UIP-P input jitter.
(7)
Specification is ensured by design.
(8)
Measured from first SDI transition until Lock Detect (LD) output goes high (true).
(9)
RL = 100Ω differential.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com