Electronic Components Datasheet Search
  English  ▼

X  

LMH0026 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0026
Description  LMH0026 SD SDI Reclocker with Dual Differential Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0026 Datasheet(HTML) 4 Page - Texas Instruments

  LMH0026 Datasheet HTML 1Page - Texas Instruments LMH0026 Datasheet HTML 2Page - Texas Instruments LMH0026 Datasheet HTML 3Page - Texas Instruments LMH0026 Datasheet HTML 4Page - Texas Instruments LMH0026 Datasheet HTML 5Page - Texas Instruments LMH0026 Datasheet HTML 6Page - Texas Instruments LMH0026 Datasheet HTML 7Page - Texas Instruments LMH0026 Datasheet HTML 8Page - Texas Instruments LMH0026 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LMH0026
SNLS253B – MARCH 2008 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC–VEE)
4.0V
Logic Supply Voltage (Vi)
VEE−0.15V to
VCC+0.15V
Logic Input Current (single input):
Vi = VEE−0.15V
−5 mA
Vi = VCC+0.15V
+5 mA
Logic Output Voltage (Vo)
VEE−0.15V to
VCC+0.15V
Logic Output Source/Sink Current
±8 mA
Serial Data Input Voltage (VSDI)
VCC to VCC−2.0V
Serial Data Output Sink Current (ISDO)
24 mA
Package Thermal Resistance, HTSSOP
θJA
26.6°C/W
θJC
2.4°C/W
Storage Temp. Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature (Soldering 4 Sec)
+260°C (Pb-free)
ESD Rating (HBM)
7 kV
ESD Rating (MM)
350V
ESD Rating (CDM)
1250V
(1)
“Absolute Maximum Ratings” are those parameter values beyond which the life and operation of the device cannot be ensured. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
DC ELECTRICAL CHARACTERISTICS and AC ELECTRICAL CHARACTERISTICS specify acceptable device operating conditions.
(2)
It is anticipated that this device will not be offered in a military qualified version. If Military/Aerospace specified devices are
required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC–VEE)
3.3V ±5%
Logic Input Voltage
VEE to VCC
Differential Serial Input Voltage
800 mV ±10%
Serial Data or Clock Output Sink
Current (ISO)
16 mA max.
Operating Free Air Temperature (TA)
−40°C to +85°C
DC ELECTRICAL CHARACTERISTICS
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VIH
Input Voltage High Level
Logic level inputs
2
VCC
V
VIL
Input Voltage Low Level
VEE
0.8
V
IIH
Input Current High Level
VIH = VCC
47
65
µA
IIL
Input Current Low Level
VIL = VEE
−18
−25
µA
VOH
Output Voltage High Level
IOH = −2 mA
All logic level
2
V
outputs
VOL
Output Voltage Low Level
IOL = +2 mA
VEE + 0.6
V
VSDID
Serial Input Voltage,
SDI
200
1600
mVP-P
Differential
VCMI
Input Common Mode
VSDID = 200 mV
VEE+1.2
VCC−0.2
V
Voltage
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are referenced to
VEE (equal to zero volts).
(2)
Typical values are stated for: VCC = +3.3V, TA = +25°C.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com