Electronic Components Datasheet Search
  English  ▼

X  

LMV1012 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 4 Page - Texas Instruments

  LMV1012 Datasheet HTML 1Page - Texas Instruments LMV1012 Datasheet HTML 2Page - Texas Instruments LMV1012 Datasheet HTML 3Page - Texas Instruments LMV1012 Datasheet HTML 4Page - Texas Instruments LMV1012 Datasheet HTML 5Page - Texas Instruments LMV1012 Datasheet HTML 6Page - Texas Instruments LMV1012 Datasheet HTML 7Page - Texas Instruments LMV1012 Datasheet HTML 8Page - Texas Instruments LMV1012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMV1012
SNAS194H – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are specified for TJ = 25°C, VDD = 5V, VIN = 18 mV, RL = 2.2 kΩ and C = 2.2 μF.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
IDD
Supply Current
VIN = GND
LMV1012-07
158
250
300
LMV1012-15
200
300
325
μA
LMV1012-20
188
260
310
LMV1012-25
160
250
300
SNR
Signal to Noise Ratio
f = 1 kHz, VIN = 18 mV,
LMV1012-07
59
A-Weighted
LMV1012-15
60
dB
LMV1012-20
61
LMV1012-25
61
VIN
Max Input Signal
f = 1 kHz and THD+N <
LMV1012-07
170
1%
LMV1012-15
100
mVPP
LMV1012-20
55
LMV1012-25
28
VOUT
Output Voltage
VIN = GND
LMV1012-07
4.45
4.65
4.80
4.38
4.85
LMV1012-15
4.34
4.56
4.74
4.28
4.80
V
LMV1012-20
4.40
4.58
4.75
4.30
4.85
LMV1012-25
4.45
4.65
4.83
4.39
4.86
fLOW
Lower
−3dB Roll Off Frequency
RSOURCE = 50Ω
67
Hz
fHIGH
Upper
−3dB Roll Off Frequency
RSOURCE = 50Ω
150
kHz
en
Output Noise
A-Weighted
LMV1012-07
−96
LMV1012-15
−89
dBV
LMV1012-20
−84
LMV1012-25
−82
THD
Total Harmonic Distortion
f = 1 kHz,
LMV1012-07
0.12
VIN = 18 mV
LMV1012-15
0.13
%
LMV1012-20
0.18
LMV1012-25
0.21
CIN
Input Capacitance
2
pF
ZIN
Input Impedance
>1000
G
Ω
AV
Gain
f = 1 kHz,
LMV1012-07
6.4
8.1
9.5
RSOURCE = 50Ω
5.5
10.7
LMV1012-15
14.0
15.6
16.9
13.1
17.5
dB
LMV1012-20
19.2
21.1
22.3
17.0
23.5
LMV1012-25
22.5
23.9
25.0
21.2
25.8
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by design or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com