Electronic Components Datasheet Search
  English  ▼

X  

LMV1012 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV1012 Datasheet HTML 4Page - Texas Instruments LMV1012 Datasheet HTML 5Page - Texas Instruments LMV1012 Datasheet HTML 6Page - Texas Instruments LMV1012 Datasheet HTML 7Page - Texas Instruments LMV1012 Datasheet HTML 8Page - Texas Instruments LMV1012 Datasheet HTML 9Page - Texas Instruments LMV1012 Datasheet HTML 10Page - Texas Instruments LMV1012 Datasheet HTML 11Page - Texas Instruments LMV1012 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
INPUT IS CONNECTED
TO GND
10
100
1k
10k
100k
FREQUENCY (Hz)
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
INPUT IS CONNECTED TO
GND
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INPUT VOLTAGE (mVPP)
f = 1 kHz
0
10
20
30
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INPUT VOLTAGE (mVPP)
f = 1 kHz
0
50
100
150
200
250
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INPUT VOLTAGE (mVPP)
f = 1 kHz
0
20
40
60
80
100
120
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INPUT VOLTAGE (mVPP)
f = 1 kHz
LMV1012
SNAS194H – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = 2.2V, RL = 2.2 kΩ, C = 2.2 μF, single supply, TA = 25°C
Total Harmonic Distortion vs. Input Voltage (LMV1012-07)
Total Harmonic Distortion vs. Input Voltage (LMV1012-15)
Figure 13.
Figure 14.
Total Harmonic Distortion vs. Input Voltage (LMV1012-20)
Total Harmonic Distortion vs. Input Voltage (LMV1012-25)
Figure 15.
Figure 16.
Output Noise vs. Frequency (LMV1012-07)
Output Noise vs. Frequency (LMV1012-15)
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com