Electronic Components Datasheet Search
  English  ▼

X  

LMV1012 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV1012 Datasheet HTML 3Page - Texas Instruments LMV1012 Datasheet HTML 4Page - Texas Instruments LMV1012 Datasheet HTML 5Page - Texas Instruments LMV1012 Datasheet HTML 6Page - Texas Instruments LMV1012 Datasheet HTML 7Page - Texas Instruments LMV1012 Datasheet HTML 8Page - Texas Instruments LMV1012 Datasheet HTML 9Page - Texas Instruments LMV1012 Datasheet HTML 10Page - Texas Instruments LMV1012 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VIN = 18 mVPP
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VIN = 18 mVPP
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VIN = 18 mVPP
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VIN = 18 mVPP
10
1k
1M
FREQUENCY (Hz)
0
10
25
100k
10k
100
20
15
5
GAIN
PHASE
-200
0
300
200
100
-100
250
150
50
-50
-150
10
1k
1M
FREQUENCY (Hz)
0
10
25
100k
10k
100
20
15
5
GAIN
PHASE
-200
0
300
200
100
-100
250
150
50
-50
-150
LMV1012
www.ti.com
SNAS194H – NOVEMBER 2002 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = 2.2V, RL = 2.2 kΩ, C = 2.2 μF, single supply, TA = 25°C
Gain and Phase vs. Frequency (LMV1012-20)
Gain and Phase vs. Frequency (LMV1012-25)
Figure 7.
Figure 8.
Total Harmonic Distortion vs. Frequency (LMV1012-07)
Total Harmonic Distortion vs. Frequency (LMV1012-15)
Figure 9.
Figure 10.
Total Harmonic Distortion vs. Frequency (LMV1012-20)
Total Harmonic Distortion vs. Frequency (LMV1012-25)
Figure 11.
Figure 12.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com