Electronic Components Datasheet Search
  English  ▼

X  

LMV1012 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 1 Page - Texas Instruments

  LMV1012 Datasheet HTML 1Page - Texas Instruments LMV1012 Datasheet HTML 2Page - Texas Instruments LMV1012 Datasheet HTML 3Page - Texas Instruments LMV1012 Datasheet HTML 4Page - Texas Instruments LMV1012 Datasheet HTML 5Page - Texas Instruments LMV1012 Datasheet HTML 6Page - Texas Instruments LMV1012 Datasheet HTML 7Page - Texas Instruments LMV1012 Datasheet HTML 8Page - Texas Instruments LMV1012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OUTPUT
GND
INPUT
- +
2.2k
2.2PF
VDD
-
+
DIAPHRAGM
AIRGAP
BACKPLATE
ELECTRET
CONNECTOR
LMV1012
x
x
x
x
x
x
x
x
xxx
x
xx
xx
IC
LMV1012
www.ti.com
SNAS194H – NOVEMBER 2002 – REVISED MAY 2013
LMV1012 Analog Series: Pre-Amplified IC's for High Gain 2-Wire Microphones
Check for Samples: LMV1012
1
FEATURES
DESCRIPTION
The LMV1012 is an audio amplifier series for small
2
•
Typical LMV1012-15, 2.2V Supply, RL = 2.2 kΩ,
form factor electret microphones. This 2-wire portfolio
C = 2.2
μF, VIN = 18 mVPP, Unless Otherwise
is designed to replace the JFET amplifier currently
Specified
being used. The LMV1012 series is ideally suited for
•
Supply Voltage: 2V - 5V
applications requiring high signal integrity in the
presence of ambient or RF noise, such as in cellular
•
Supply Current: <180
μA
communications. The LMV1012 audio amplifiers are
•
Signal to Noise Ratio (A-Weighted): 60 dB
specified to operate over a 2.2V to 5.0V supply
•
Output Voltage Noise (A-Weighted):
−89 dBV
voltage range with fixed gains of 7.8 dB, 15.6 dB,
•
Total Harmonic Distortion: 0.09%
20.9 dB, and 23.8 dB. The devices offer excellent
THD, gain accuracy and temperature stability as
•
Voltage Gain
compared to a JFET microphone.
–
LMV1012-07: 7.8 dB
The LMV1012 series enables a two-pin electret
–
LMV1012-15: 15.6 dB
microphone solution, which provides direct pin-to-pin
–
LMV1012-20: 20.9 dB
compatibility with the existing JFET market.
–
LMV1012-25: 23.8 dB
The devices are offered in extremely thin space
•
Temperature Range:
−40°C to 85°C
saving 4-bump DSBGA packages. The LMV1012XP
is designed for 1.0 mm canisters and thicker ECM
•
Offered in 4-Bump DSBGA Packages
canisters. These extremely miniature packages are
designed for electret condenser microphones (ECM)
APPLICATIONS
form factor.
•
Cellular Phones
•
Headsets
•
Mobile Communications
•
Automotive Accessories
•
PDAs
•
Accessory Microphone Products
Schematic Diagram
Built-In Gain Electret Microphone
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV1012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
Analog Pre-Amplified IC?셲 for High Gain Microphones
LMV1012-07 NSC-LMV1012-07 Datasheet
497Kb / 15P
Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
LMV1012-15 NSC-LMV1012-15 Datasheet
497Kb / 15P
Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
More results

Similar Description - LMV1012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
Analog Pre-Amplified IC?셲 for High Gain Microphones
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
Amplifiers for 3 Wire Analog Electret Microphones
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com