Electronic Components Datasheet Search
  English  ▼

X  

LMV1012 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV1012 Datasheet HTML 2Page - Texas Instruments LMV1012 Datasheet HTML 3Page - Texas Instruments LMV1012 Datasheet HTML 4Page - Texas Instruments LMV1012 Datasheet HTML 5Page - Texas Instruments LMV1012 Datasheet HTML 6Page - Texas Instruments LMV1012 Datasheet HTML 7Page - Texas Instruments LMV1012 Datasheet HTML 8Page - Texas Instruments LMV1012 Datasheet HTML 9Page - Texas Instruments LMV1012 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
10
1k
1M
FREQUENCY (Hz)
100k
10k
100
-10
-2
10
6
2
-6
-200
0
300
200
100
-100
8
4
0
-4
-8
-150
-50
50
150
250
GAIN
PHASE
10
1k
1M
FREQUENCY (Hz)
0
4
18
100k
10k
100
14
12
2
16
10
8
6
-360
-280
0
-80
-120
-320
-40
-160
-200
-240
GAIN
PHASE
2
2.5
3
3.5
4
4.5
5
5.5
100
120
140
160
180
200
220
240
260
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
2
2.5
3
3.5
4
4.5
5
SUPPLY VOLTAGE (V)
100
120
140
160
180
200
220
5.5
85°C
25°C
-40°C
2
2.5
3
3.5
4
4.5
5
5.5
100
110
120
130
140
150
160
170
180
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
120
140
160
180
200
220
240
260
85°C
25°C
-40°C
LMV1012
SNAS194H – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, VS = 2.2V, RL = 2.2 kΩ, C = 2.2 μF, single supply, TA = 25°C
Supply Current vs. Supply Voltage (LMV1012-07)
Supply Current vs. Supply Voltage (LMV1012-15)
Figure 1.
Figure 2.
Supply Current vs. Supply Voltage (LMV1012-20)
Supply Current vs. Supply Voltage (LMV1012-25)
Figure 3.
Figure 4.
Gain and Phase vs. Frequency (LMV1012-07)
Gain and Phase vs. Frequency (LMV1012-15)
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com