Electronic Components Datasheet Search
  English  ▼

X  

LMV1012 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV1012 Datasheet HTML 9Page - Texas Instruments LMV1012 Datasheet HTML 10Page - Texas Instruments LMV1012 Datasheet HTML 11Page - Texas Instruments LMV1012 Datasheet HTML 12Page - Texas Instruments LMV1012 Datasheet HTML 13Page - Texas Instruments LMV1012 Datasheet HTML 14Page - Texas Instruments LMV1012 Datasheet HTML 15Page - Texas Instruments LMV1012 Datasheet HTML 16Page - Texas Instruments LMV1012 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
INPUT
OUTPUT
VDD
10 pF
33 pF
LMV1012
www.ti.com
SNAS194H – NOVEMBER 2002 – REVISED MAY 2013
NOISE
Noise pick-up by a microphone in cell phones is a well-known problem. A conventional JFET circuit is sensitive
for noise pick-up because of its high output impedance, which is usually around 2.2 k
Ω.
RF noise is amongst other caused by non-linear behavior. The non-linear behavior of the amplifier at high
frequencies, well above the usable bandwidth of the device, causes AM-demodulation of high frequency signals.
The AM modulation contained in such signals folds back into the audio band, thereby disturbing the intended
microphone signal. The GSM signal of a cell phone is such an AM-modulated signal. The modulation frequency
of 216 Hz and its harmonics can be observed in the audio band. This kind of noise is called bumblebee noise.
RF noise caused by a GSM signal can be reduced by connecting two external capacitors to ground, see
Figure 26. One capacitor reduces the noise caused by the 900 MHz carrier and the other reduces the noise
caused by 1800/1900 MHz.
Figure 26. RF Noise Reduction
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com