Electronic Components Datasheet Search
  English  ▼

X  

LMV1012 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV1012 Datasheet HTML 7Page - Texas Instruments LMV1012 Datasheet HTML 8Page - Texas Instruments LMV1012 Datasheet HTML 9Page - Texas Instruments LMV1012 Datasheet HTML 10Page - Texas Instruments LMV1012 Datasheet HTML 11Page - Texas Instruments LMV1012 Datasheet HTML 12Page - Texas Instruments LMV1012 Datasheet HTML 13Page - Texas Instruments LMV1012 Datasheet HTML 14Page - Texas Instruments LMV1012 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
A-WEIGHTED FILTER
5 pF
LMV1012
www.ti.com
SNAS194H – NOVEMBER 2002 – REVISED MAY 2013
MEASURING NOISE AND SNR
The overall noise of the LMV1012 is measured within the frequency band from 10 Hz to 22 kHz using an A-
weighted filter. The input of the LMV1012 is connected to ground with a 5 pF capacitor, as in Figure 23. Special
precautions in the internal structure of the LMV1012 have been taken to reduce the noise on the output.
Figure 23. Noise Measurement Setup
The signal to noise ratio (SNR) is measured with a 1 kHz input signal of 18 mVPP using an A-weighted filter. This
represents a sound pressure level of 94 dB SPL. No input capacitor is connected for the measurement.
SOUND PRESSURE LEVEL
The volume of sound applied to a microphone is usually stated as a pressure level referred to the threshold of
hearing of the human ear. The sound pressure level (SPL) in decibels is defined by:
Sound pressure level (dB) = 20 log Pm/PO
where
•
Pm is the measured sound pressure
•
PO is the threshold of hearing (20 μPa).
(1)
In order to be able to calculate the resulting output voltage of the microphone for a given SPL, the sound
pressure in dB SPL needs to be converted to the absolute sound pressure in dBPa. This is the sound pressure
level in decibels referred to 1 Pascal (Pa).
The conversion is given by:
dBPa = dB SPL + 20*log 20
μPa
(2)
dBPa = dB SPL - 94 dB
(3)
Translation from absolute sound pressure level to a voltage is specified by the sensitivity of the microphone. A
conventional microphone has a sensitivity of -44 dBV/Pa.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com