Electronic Components Datasheet Search
  English  ▼

X  

OPA2541AM Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2541AM
Description  Dual High Power OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2541AM Datasheet(HTML) 2 Page - Texas Instruments

  OPA2541AM Datasheet HTML 1Page - Texas Instruments OPA2541AM Datasheet HTML 2Page - Texas Instruments OPA2541AM Datasheet HTML 3Page - Texas Instruments OPA2541AM Datasheet HTML 4Page - Texas Instruments OPA2541AM Datasheet HTML 5Page - Texas Instruments OPA2541AM Datasheet HTML 6Page - Texas Instruments OPA2541AM Datasheet HTML 7Page - Texas Instruments OPA2541AM Datasheet HTML 8Page - Texas Instruments OPA2541AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
OPA2541
2
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
ELECTRICAL
At TC = +25°C and VS = ±35VDC, unless otherwise noted.
OPA2541AM
OPA2541BM, SM
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT OFFSET VOLTAGE
VOS
±2
±10
±0.25
±1mV
vs Temperature
Specified Temperature Range
±20
±40
±15
±30
µV/°C
vs Supply Voltage
VS = ±10V to ±VMAX
±2.5
±10
*
*
µV/V
vs Power
±20
±60
*
*
µV/W
INPUT BIAS CURRENT
IB
15
50
*
*
pA
Specified Temperature Range
Note 1
*
INPUT OFFSET CURRENT
IOS
±5
±30
*
*
pA
Specified Temperature Range
Note 1
*
INPUT CHARACTERISTICS
Common-Mode Voltage Range
Specified Temperature Range
±(|V
S| –6)
±(|V
S| –3)
*
*
V
Common-Mode Rejection
VCM = (|±VS| –6V)
95
106
*
*
dB
Input Capacitance
5*
pF
Input Impedance, DC
1*
1012
Ω
GAIN CHARACTERISTICS
Open Loop Gain at 10Hz
RL = 6Ω
90
96
*
*
dB
Gain-Bandwidth Product
1.6
*
MHz
OUTPUT
Voltage Swing
IO = 5A
±(|V
S| –5.5)
±(|V
S| –4.5)
*
*
V
IO = 2A
±(|V
S| –4.5)
±(|V
S| –3.6)
*
*
V
IO = 0.5A
±(|V
S| –4)
±(|V
S| –3.2)
*
*
V
Current, Continuous
+25
°C
5
7.0
*
*
A
+85
°C
4
5.0
*
A
+125
°C (SM grade only)
3
3.5
A
AC PERFORMANCE
Slew Rate
68
*
*
V/
µs
Power Bandwidth
RL = 8Ω, VO = 20Vrms
45
55
*
*
kHz
Settling Time to 0.1%
2V Step
2
*
µs
Capacitive Load
Specified Temperature Range, G = 1
3.3
*
nF
Specified Temperature Range, G >10
SOA
*
Phase Margin
Specified Temperature Range, RL = 8Ω
40
*
Degrees
Channel Separation
1kHz, RL = 6Ω
80
*
dB
POWER SUPPLY
Power Supply Voltage,
±V
S
Specified Temperature Range
±10
±30
±35
*
±35
±40
V
Current, Quiescent
Total—Both Amplifiers
40
50
*
*
mA
THERMAL RESISTANCE
θ
JC, (Junction-to-Case)
Both Amplifiers(2), AC Output f > 60Hz
0.8
1.0
*
*
°C/W
θ
JC
Both Amplifiers(2), DC Output
0.9
1.2
*
*
°C/W
θ
JC
One Amplifier, AC Output f > 60Hz
1.25
1.5
*
*
°C/W
θ
JC
One Amplifier, DC Output
1.4
1.9
*
*
°C/W
θ
JA, (Junction-to-Ambient)
No Heat Sink
30
*
°C/W
TEMPERATURE RANGE
Case
AM, BM
–25
+85
*
*
°C
SM
–55
+125
°C
*Specification same as OPA2541AM.
NOTES: (1) Input bias and offset current approximately doubles for every 10
°C increase in temperature. (2) Assumes equal dissipation in both amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com