Electronic Components Datasheet Search
  English  ▼

X  

OPA2541AM Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA2541AM
Description  Dual High Power OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2541AM Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2541AM Datasheet HTML 4Page - Texas Instruments OPA2541AM Datasheet HTML 5Page - Texas Instruments OPA2541AM Datasheet HTML 6Page - Texas Instruments OPA2541AM Datasheet HTML 7Page - Texas Instruments OPA2541AM Datasheet HTML 8Page - Texas Instruments OPA2541AM Datasheet HTML 9Page - Texas Instruments OPA2541AM Datasheet HTML 10Page - Texas Instruments OPA2541AM Datasheet HTML 11Page - Texas Instruments OPA2541AM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
®
OPA2541
8
FIGURE 8. Limiting Output Current.
FIGURE 7. Bridge Amplifier Motor-Speed Controller.
V
IN
L
+V
S
750mA Continuous
–V
S
NOTE: (1) Midwest Components Inc. 288D01006
(1)
0.1
Ω
0.6
Ω
5k
Ω
5k
Ω
EMF
PMI MOD907
10k
Ω
10k
Ω
10k
Ω
25k
Ω
25k
Ω
25k
Ω
25k
Ω
+15V
–15V
74
13
52
–35V
+35V
Regulation
Adjust
V
IN
1/2
OPA2541
1/2
OPA2541
INA105KP
6
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com