Electronic Components Datasheet Search
  English  ▼

X  

OPA2541AM Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2541AM
Description  Dual High Power OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2541AM Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2541AM Datasheet HTML 3Page - Texas Instruments OPA2541AM Datasheet HTML 4Page - Texas Instruments OPA2541AM Datasheet HTML 5Page - Texas Instruments OPA2541AM Datasheet HTML 6Page - Texas Instruments OPA2541AM Datasheet HTML 7Page - Texas Instruments OPA2541AM Datasheet HTML 8Page - Texas Instruments OPA2541AM Datasheet HTML 9Page - Texas Instruments OPA2541AM Datasheet HTML 10Page - Texas Instruments OPA2541AM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
®
OPA2541
7
0.1µF
+60V
–8V
25k
Ω
0.1µF
DAC80-CBI-I
0-2mA
V
O
0-50V
Protects DAC
During Slewing
FIGURE 5. Programmable Voltage Source.
FIGURE 6. 16-Bit Programmable Voltage Source.
100pF
0.5
Ω
10k
Ω(1)
FB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
19
1/2
OPA2541
V
OUT = –30V to +30V
1µF
+
+
1µF
+
LSB
MSB
DAC702
±1mA
Digital Word Input
+
1µF
+
1µF
–15V
20
18
23
+15V
17
21
10k
Ω
OPA27
2
3
7
4
6
–15V
+15V
–35V
1µF
+
+35V
1µF
NOTE: (1) TCR Tracking Resistors.
5k
Ω(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com