Electronic Components Datasheet Search
  English  ▼

X  

OPA2541AM Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2541AM
Description  Dual High Power OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2541AM Datasheet(HTML) 3 Page - Texas Instruments

  OPA2541AM Datasheet HTML 1Page - Texas Instruments OPA2541AM Datasheet HTML 2Page - Texas Instruments OPA2541AM Datasheet HTML 3Page - Texas Instruments OPA2541AM Datasheet HTML 4Page - Texas Instruments OPA2541AM Datasheet HTML 5Page - Texas Instruments OPA2541AM Datasheet HTML 6Page - Texas Instruments OPA2541AM Datasheet HTML 7Page - Texas Instruments OPA2541AM Datasheet HTML 8Page - Texas Instruments OPA2541AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
®
OPA2541
3
100
10
1
0.1
0.01
0.001
–25
25
100
125
Junction Temperature (°C)
INPUT BIAS CURRENT vs TEMPERATURE
050
75
TYPICAL PERFORMANCE CURVES
T
A = +25°C and VS = ±35VDC, unless otherwise noted.
Supply Voltage, +VS to –VS .................................................................. 80V
Output Current ............................................................................. see SOA
Power Dissipation, Internal(1) ............................................................ 125W
Input Voltage: Differential .....................................................................
±V
S
Common-mode .............................................................
±V
S
Temperature: Pin Solder, 10s ........................................................ +300
°C
Junction(1) ............................................................... +150
°C
Temperature Range:
Storage .................................................... –65
°C to +150°C
Operating (Case) ..................................... –55
°C to +125°C
NOTE: (1) Long term operation at the maximum junction temperature will
result in reduced product life. Derate internal power dissipation to achieve
high MTTF.
ABSOLUTE MAXIMUM RATINGS
CONNECTION DIAGRAM
1
2
3
7
8
5
6
A
B
+V
S
+In
B
–In
B
Out
B
–V
S
Out
A
–In
A
+In
A
4
ORDERING INFORMATION
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
OPA2541AM
TO-3
030
OPA2541BM
TO-3
030
OPA2541SM
TO-3
030
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
Top View
TO-3
MODEL
PACKAGE
TEMPERATURE RANGE
OPA2541AM
TO-3
–25
°C to +85°C
OPA2541BM
TO-3
–25
°C to +85°C
OPA2541SM
TO-3
–55
°C to +125°C
1
100
100k
10M
Frequency (Hz)
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
10
1k
10k
1M
110
100
90
80
70
60
50
40
30
20
10
0
–10
0
–45
–90
–135
–180
Z
L = 3.3nF
Phase
Gain
Z
L = 2kΩ
Z
L = 3.3nF
Z
L = 2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com