Electronic Components Datasheet Search
  English  ▼

X  

OPA2541AM Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2541AM
Description  Dual High Power OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2541AM Datasheet(HTML) 1 Page - Texas Instruments

  OPA2541AM Datasheet HTML 1Page - Texas Instruments OPA2541AM Datasheet HTML 2Page - Texas Instruments OPA2541AM Datasheet HTML 3Page - Texas Instruments OPA2541AM Datasheet HTML 4Page - Texas Instruments OPA2541AM Datasheet HTML 5Page - Texas Instruments OPA2541AM Datasheet HTML 6Page - Texas Instruments OPA2541AM Datasheet HTML 7Page - Texas Instruments OPA2541AM Datasheet HTML 8Page - Texas Instruments OPA2541AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DESCRIPTION
The OPA2541 is a dual power operational amplifier
capable of operation from power supplies up to
±40V
and output currents of 5A continuous. With two mono-
lithic power amplifiers in a single package it provides
unequaled functional density.
The industry-standard 8-pin TO-3 package is isolated
from all internal circuitry allowing it to be mounted
directly to a heat sink without insulators which de-
grade thermal performance. Internal circuitry limits
output current to approximately 6A.
The OPA2541 is available in both industrial and
military temperature range versions.
Dual High Power
OPERATIONAL AMPLIFIER
FEATURES
q OUTPUT CURRENTS TO 5A
q POWER SUPPLIES TO
±40V
q FET INPUT
q ELECTRICALLY ISOLATED CASE
APPLICATIONS
q MOTOR DRIVER
q SERVO AMPLIFIER
q SYNCRO/RESOLVER EXCITATION
q VOICE COIL DRIVER
q BRIDGE AMPLIFIER
q PROGRAMMABLE POWER SUPPLY
q AUDIO AMPLIFIER
OPA2541
Out
(5, 1)
–V
S (6)
+V
S (2)
+In
(3, 7)
–In
(4, 8)
®
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
©1987 Burr-Brown Corporation
PDS-768B
Printed in U.S.A. October, 1993
SBOS157


Similar Part No. - OPA2541AM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2541AM BURR-BROWN-OPA2541AM Datasheet
140Kb / 8P
Dual High Power OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541AM TI1-OPA2541AM Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
OPA2541AM-BI TI1-OPA2541AM-BI Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2541AM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
Dual Power Operational Amplifier
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
Dual Power Operational Amplifier
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
Dual High Power OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com