Electronic Components Datasheet Search
  English  ▼

X  

OPA2541AM Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2541AM
Description  Dual High Power OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2541AM Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2541AM Datasheet HTML 2Page - Texas Instruments OPA2541AM Datasheet HTML 3Page - Texas Instruments OPA2541AM Datasheet HTML 4Page - Texas Instruments OPA2541AM Datasheet HTML 5Page - Texas Instruments OPA2541AM Datasheet HTML 6Page - Texas Instruments OPA2541AM Datasheet HTML 7Page - Texas Instruments OPA2541AM Datasheet HTML 8Page - Texas Instruments OPA2541AM Datasheet HTML 9Page - Texas Instruments OPA2541AM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
®
OPA2541
6
The internal current limit will not provide short-circuit
protection in most applications. When the amplifier output is
shorted to ground, the full power supply voltage is im-
pressed across the conducting output transistor. For in-
stance, with V
S = ±35V, a short circuit to ground would
impress 35V across the conducting power transistor. The
maximum safe output current at this voltage is 1.8A, so the
internal current limit would not protect the amplifier. The
unit-to-unit variation and temperature dependence of the
internal current limit suggest that it be used to handle
abnormal conditions and not activated in commonly encoun-
tered circuit operation.
Reactive, or EMF generating loads such as DC motors can
present demanding SOA requirements. With a purely reac-
tive load, output voltage current occurs when the output
voltage is zero and the voltage across the conducting transis-
tor is equal to the full power supply voltage. See Burr-
Brown Application Note AN-123 for further information on
evaluating SOA.
Applications with inductive or EMF-generating loads which
can produce “kick back” voltage surges to the amplifiers
should include clamp diodes from the output terminals to the
power supplies. These diodes should be chosen to limit the
peak amplifier output voltage surges to less than 2V beyond
the power supply rail voltage. Common 1A rated rectifier
diodes will suffice in most applications.
APPLICATIONS CIRCUITS
FIGURE 2. Clamping Output for EMF-Generating Loads.
0.1µF
0.1µF
+35V
–35V
A
V = 1 + R2/R1 = 5
R
2
10k
Ω
R
1
2.5k
Ω
V
IN
30pF
0.5
Ω
V
O
FIGURE 3. Isolating Capacitive Loads.
FIGURE 1. Safe Operating Area.
0.1µF
L
10µF
0.1µF
10µF
+V
S
+
–V
S
D
1
D
2
Inductive-
or EMF-
Generating
Load
D
1 – D2: IN4003
+
FIGURE 4. Paralleled Operation, Extended SOA.
A
V = –R2/R1 = –10
20pF
L
20pF
R
2
100k
Ω
R
1
10k
Ω
0.1
Ω
10k
Ω
0.1
Ω
B
Slave
A
Master
V
IN
10
1.0
0.1
1
100
|V
S – VOUT| (V)
SAFE OPERATING AREA
10
T
C = +25°C
T
C = +85°C
T
C = +125°C
*Depending on temperature, maximum output may
be restricted by internal current limit. See output
current specifications and typical curves.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com