Electronic Components Datasheet Search
  English  ▼

X  

OPA2541AM Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2541AM
Description  Dual High Power OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2541AM Datasheet(HTML) 4 Page - Texas Instruments

  OPA2541AM Datasheet HTML 1Page - Texas Instruments OPA2541AM Datasheet HTML 2Page - Texas Instruments OPA2541AM Datasheet HTML 3Page - Texas Instruments OPA2541AM Datasheet HTML 4Page - Texas Instruments OPA2541AM Datasheet HTML 5Page - Texas Instruments OPA2541AM Datasheet HTML 6Page - Texas Instruments OPA2541AM Datasheet HTML 7Page - Texas Instruments OPA2541AM Datasheet HTML 8Page - Texas Instruments OPA2541AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
®
OPA2541
4
12
10
8
6
4
2
0
–50
0
75
125
Case Temperature (°C)
OUTPUT CURRENT vs TEMPERATURE
–25
25
50
100
I
OUT–
I
OUT+
120
110
100
90
80
70
60
50
10
100
100k
1M
Frequency (Hz)
COMMON-MODE REJECTION vs FREQUENCY
1k
10k
10
1.0
0.1
0.01
0.001
10
100
10k
100k
Frequency (Hz)
TOTAL HARMONIC DISTORTION vs FREQUENCY
1k
P
O = 5W
P
O = 50W
P
O = 100mW
1k
100
10
1
10
10k
100k
Frequency (Hz)
VOLTAGE NOISE DENSITY vs FREQUENCY
100
1k
6
5
4
3
2
1
0
03
7
10
I
OUT (A)
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
14
5
9
26
8
|–V
S| – |VO|
(+V
S) – VO
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
20
40
70
90
+V
S + |–VS| (V)
NORMALIZED QUIESCENT CURRENT
vs TOTAL POWER SUPPLY VOLTAGE
30
50
60
80
T
C = –25°C
T
C = +25°C
T
C = +125°C
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C and VS = ±35VDC, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com