Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA694
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 3 Page - Texas Instruments

  OPA694 Datasheet HTML 1Page - Texas Instruments OPA694 Datasheet HTML 2Page - Texas Instruments OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25°C. At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
OPA2694ID
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25°C
+25°C(1)
0°C to
70°C(2)
−40°C to
+85°C(2)
UNITS
MIN/
MAX
TEST
LEVEL(3)
AC PERFORMANCE (see Figure 1)
Small-Signal Bandwidth
G = +1, VO = 0.5VPP, RF = 430Ω
1500
MHz
typ
C
G = +2, VO = 0.5VPP, RF =390Ω
690
340
330
320
MHz
min
B
G = +5, VO = 0.5VPP, RF = 330Ω
250
190
170
150
MHz
min
B
G = +10, VO = 0.5VPP, RF = 180Ω
200
140
120
110
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +1, VO = 0.5VPP, RF = 430Ω
90
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.1VPP, RF = 430Ω
2
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
670
MHz
typ
C
Slew Rate
G = +2, 2V Step
1700
1300
1275
1250
V/μs
min
B
Rise Time and Fall Time
G = +2, VO = 0.2V Step
0.8
ns
typ
C
Settling Time to 0.01%
G = +2, VO = 2V Step
20
ns
typ
C
to 0.1%
G = +2, VO = 2V Step
13
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
—
—
—
—
2nd-Harmonic
RL = 100Ω
−85
−78
−72
−70
dBc
max
B
RL ≥ 500Ω
−92
−87
−85
−83
dBc
max
B
3rd-Harmonic
RL = 100Ω
−72
−68
−66
−65
dBc
max
B
RL ≥ 500Ω
−93
−87
−85
−83
dBc
max
B
Input Voltage Noise
f > 1MHz
2.1
2.5
2.9
3.1
nV/√Hz
max
B
Inverting Input Current Noise
f > 1MHz
22
25
26
29
pA/√Hz
max
B
Non-inverting Input Current Noise
f > 1MHz
24
27
28
30
pA/√Hz
max
B
NTSC Differential Gain
VO = 1.4VPP, RL = 150Ω
0.03
%
max
C
VO = 1.4VPP, RL = 37.5Ω
0.05
%
max
C
NTSC Differential Phase
G = +2, VO − 1.4VPP, RL = 150Ω
0.015
°
typ
C
VO − 1.4VPP, RL = 37.5Ω
0.15
°
typ
C
Channel-to-Channel Crosstalk
f = 5MHz
63
dB
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance
VO = 0V, RL = 100Ω
145
88
63
58
kΩ
min
A
Input Offset Voltage
VCM = 0V
±0.7
±3.2
±3.9
±4.3
mV
max
A
Average Input Offset Voltage Drift
VCM = 0V
—
12
15
μV/°C
max
B
Channel to Channel ΔVIO
VCM = 0V
±0.5
mV
typ
C
Noninverting Input Bias Current
VCM = 0V
±5
±22
±28
±33
μA
max
A
Average Input Bias Current Drift
VCM = 0V
—
±100
±150
nA/°C
max
B
Channel to Channel ΔIBI
VCM = 0V
±5
μA
typ
C
Inverting Input Bias Current
VCM = 0V
±4
±20
±28
±40
μA
max
A
Average Input Bias Current Drift
VCM = 0V
—
±150
±200
nA/°C
max
B
Channel to Channel ΔIBN
VCM = 0V
±4
μA
typ
C
INPUT
Common-Mode Input Voltage(5) (CMIR)
±2.5
±2.3
±2.2
±2.1
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 0V
60
54
52
50
dB
min
A
Noninverting Input Impedance
280 || 1.2
kΩ || pF
typ
C
Inverting Input Resistance
Open-Loop
30
Ω
typ
C
OUTPUT
Voltage Output Voltage
No Load
±4
±3.8
±3.7
±3.6
V
min
A
RL = 100Ω
±3.4
±3.1
±3.1
±3.0
V
min
A
Output Current
VO = 0V
±70
±55
±53
±45
mA
min
A
Short-Circuit Output Current
VO = 0V
±200
mA
typ
C
Closed-Loop Output Impedance
G = +2, f =100kHz
0.02
Ω
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +15°C at high temperature limit for over temperature specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical
value only for information.
(4) Current is considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum specified CMRR at ±CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com