Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA694
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 4 Page - Texas Instruments

  OPA694 Datasheet HTML 1Page - Texas Instruments OPA694 Datasheet HTML 2Page - Texas Instruments OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25°C. At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
PARAMETER
TEST
LEVEL(3)
MIN/
MAX
UNITS
OPA2694ID
CONDITIONS
PARAMETER
TEST
LEVEL(3)
MIN/
MAX
UNITS
MIN/MAX OVER TEMPERATURE
TYP
CONDITIONS
PARAMETER
TEST
LEVEL(3)
MIN/
MAX
UNITS
−40°C to
+85°C(2)
0°C to
70°C(2)
+25°C(1)
+25°C
CONDITIONS
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
—
±6.3
±6.3
±6.3
V
max
A
Minimum Operating Voltage Range
—
±3.5
±3.5
±3.5
mA
max
B
Maximum Quiescent Current
VS = ±5V, Both Channels
11.6
12.1
12.5
12.7
mA
max
A
Minimum Quiescent Current
VS = ±5V, Both Channels
11.6
11.1
10.5
9.9
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
58
53
51
49
dB
min
A
THERMAL CHARACTERISTICS
Specification: ID
−40 to +85
°C
typ
C
Thermal Resistance qJA
Junction-to-Ambient
—
—
—
—
D
SO-8
125
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +15°C at high temperature limit for over temperature specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical
value only for information.
(4) Current is considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum specified CMRR at ±CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com