Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA694
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 1 Page - Texas Instruments

  OPA694 Datasheet HTML 1Page - Texas Instruments OPA694 Datasheet HTML 2Page - Texas Instruments OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FEATURES
D UNITY GAIN STABLE BANDWIDTH: 1500MHz
D HIGH GAIN OF 2V/V BANDWIDTH: 690MHz
D LOW SUPPLY CURRENT: 5.8mA/ch
D HIGH SLEW RATE: 1700V/μs
D HIGH FULL-POWER BANDWIDTH: 670MHz
D LOW DIFFERENTIAL GAIN/PHASE:
0.03%/0.0155
APPLICATIONS
D MEDICAL IMAGING
D WIDEBAND VIDEO LINE DRIVER
D DIFFERENTIAL RECEIVER
D ADC DRIVER
D HIGH-SPEED SIGNAL PROCESSING
D PULSE AMPLIFIER
D IMPROVED REPLACEMENT FOR OPA2658
RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
QUADS
FEATURES
OPA694
—
—
—
OPA683
OPA2683
—
—
Low-Power, CFBPLUS
OPA684
OPA2684
OPA3684
OPA4684
Low-Power, CFBPLUS
OPA691
OPA2691
OPA3691
—
High Output Current
OPA695
OPA2695
OPA3695
—
High Intercept
DESCRIPTION
The OPA2694 is a dual, ultra-wideband, low-power, current
feedback operational amplifier f eaturing high slew rate and
low differential gain/phase errors. An improved output stage
provides ±70mA output drive with < 1.5V output voltage
headroom. Low supply current with > 500MHz bandwidth
meets the requirements of high density video routers. Being
a current feedback design, the OPA2694 holds its bandwidth
to very high gains—at a gain of 10, the OPA2694 will still
provide > 200MHz bandwidth.
RF applications can use the OPA2694 as a low-power SAW
pre-amplifier. Extremely high 3rd-order intercept is provided
through 70MHz at much lower quiescent power than many
typical RF amplifiers.
The OPA2694 is available in an industry-standard pinout in
an SO-8 package.
Low-Power, Differential I/O,
3rd-Order Butterworth Active Filter
VI
VO
1/2
OPA2694
232
Ω
50
Ω
75pF
22pF
100pF
232
Ω
50
Ω
100pF
800
Ω
20
Ω
20
Ω
800
Ω
−5V
+5V
357
Ω
357
Ω
1/2
OPA2694
400
Ω
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
Dual, Wideband, Low-Power, Current Feedback
Operational Amplifier
www.ti.com
Copyright © 2004−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - OPA694

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA694 TI1-OPA694 Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI2-OPA694 Datasheet
1Mb / 31P
Wideband, Low-Power, Current Feedback Operational Amplifier
REVISED JANUARY 2010
More results

Similar Description - OPA694

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com