Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA694
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted
INPUT VOLTAGE
AND CURRENT NOISE
10
100
1k
10k
100k
1M
10M
1k
100
10
1
100M
Frequency (Hz)
Noninverting Current Noise (24pA/
√Hz)
Inverting Current Noise (22pA/
√Hz)
Voltage Noise (2.1nV/
√Hz)
2−TONE, 3rd−ORDER
INTERMODULATION INTERCEPT
50
0
55
50
45
40
35
30
25
20
10
20
30
40
60
70
80
90
100
Frequency (MHz)
50
Ω
50Ω
50
Ω
P
I
P
O
390
Ω
390
Ω
RECOMMENDED RS
vs CAPACITIVE LOAD
10
60
50
40
30
20
10
0
100
Capacitive Load (pF)
0dB Peaking Targeted
FREQUENCY RESPONSE
vs CAPACITIVE LOAD
1M
3
0
−3
−6
−9
−12
−15
−18
1G
100M
10M
Frequency (Hz)
R
S
50
Ω
1/2
OPA2694
C
L
V
I
V
O
390Ω
390
Ω
1kΩ(1)
NOTE: (1) 1k
Ωload is optional
CL =100pF
CL = 47pF
CL = 10pF
CL = 22pF
COMMON−MODE REJECTION RATIO
AND POWER−SUPPLY REJECTION RATIO
vs FREQUENCY
100
70
60
50
40
30
20
10
0
100M
1M
10K
1K
100K
10M
Frequency (Hz)
CMRR
+PSRR
−PSRR
OPEN−LOOP ZOL
GAIN AND PHASE
100
120
110
100
90
80
70
60
50
40
30
0
−30
−60
−90
−120
−150
−180
−210
1G
100M
1M
10K
1K
100K
10M
Frequency (Hz)
20 log |ZOL|
<ZOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com