Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA694
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 2Page - Texas Instruments OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
6
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted
HARMONIC DISTORTION
vs LOAD RESISTANCE
100
−65
−70
−75
−80
−85
−90
−95
1000
Resistance (
Ω )
G= +2V/V
f= 5MHz
VO =2VPP
3rd Harmonic
2nd Harmonic
See Figure 1
HARMONIC DISTORTION
vs SUPPLY VOLTAGE
2.5
3.0
3.5
4.0
4.5
5.0
5.5
−65
−70
−75
−80
−85
−90
−95
6.0
Supply Voltage (
±VS)
G= +2V/V
f= 5MHz
VO =2VPP
RL =100Ω
3rd Harmonic
2nd Harmonic
See Figure 1
HARMONIC DISTORTION
vs FREQUENCY
0.1
1
−65
−70
−75
−80
−85
−90
−95
10
Frequency (MHz)
G= +2V/V
RL =100Ω
VO =2VPP
3rd Harmonic
2nd Harmonic
See Figure 1
5MHz HARMONIC DISTORTION
vs OUTPUT VOLTAGE
0.1
1
−65
−70
−75
−80
−85
−90
−95
10
Output Voltage Swing (VPP)
G= +2V/V
RL =100Ω
f= 5MHz
3rd Harmonic
2nd Harmonic
See Figure 1
HARMONIC DISTORTION
vs NONINVERTING GAIN
1
−60
−65
−70
−75
−80
−85
−90
10
Gain (V/V)
3rd Harmonic
2nd Harmonic
SeeFigure1
RL = 100Ω
f= 5MHz
VO =2VPP
HARMONIC DISTORTION
vs INVERTING GAIN
1
−60
−65
−70
−75
−80
−85
−90
10
Gain (|V/V|)
RL =100Ω
f= 5MHz
VO =2VPP
3rd Harmonic
2nd Harmonic
See Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com