Electronic Components Datasheet Search
  English  ▼

X  

OPA694 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA694
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments OPA694 Datasheet HTML 12Page - Texas Instruments OPA694 Datasheet HTML 13Page - Texas Instruments OPA694 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
10
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted
RG
RG
RF
+5V
RL
400
Ω
VO
VI
==
VO
VI
RT
RF
1/2
OPA2694
1/2
OPA2694
−5V
RF
GD
RG
Differential Performance Test Circuit
DIFFERENTIAL SMALL−SIGNAL
FREQUENCY RESPONSE
0
150
50 100
200 250 300 350 400 450 500 550
3
0
−3
−6
−9
−12
−15
600
Frequency (MHz)
RL = 400Ω
VO = 200mVPP
GD = 10V/V
RF =250Ω
GD =2V/V
RF = 402Ω
GD =1V/V
RF =430Ω
GD =5V/V
RF = 330Ω
DIFFERENTIAL LARGE−SIGNAL
FREQUENCY RESPONSE
0150
50
100
200 250 300 350 400 450
9
6
3
0
−3
−6
500
Frequency (MHz)
GD =2V/V
RL = 400Ω
VO =4VPP
VO =2VPP
VO =1VPP
VO =8VPP
DIFFERENTIAL DISTORTION
vs LOAD RESISTANCE
10
−60
−65
−70
−75
−80
−85
−90
−95
1k
100
Resistance (
Ω)
GD =2V/V
f=5MHz
VO =4VPP
3rd Harmonic
2nd Harmonic
DIFFERENTIAL DISTORTION
vs FREQUENCY
110
−65
−70
−75
−80
−85
−90
−95
100
Frequency (MHz)
GD =+2V/V
RL = 400Ω
VO =4VPP
3rd Harmonic
2nd Harmonic
DIFFERENTIAL DISTORTION
vs OUTPUT VOLTAGE
0.1
1
10
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
20
Output Voltage Swing (VPP)
GD =+2V/V
f= 5MHz
RL =400Ω
3rd Harmonic
2nd Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com