Electronic Components Datasheet Search
  English  ▼

X  

PCM1602A Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 13Page - Texas Instruments PCM1602A Datasheet HTML 14Page - Texas Instruments PCM1602A Datasheet HTML 15Page - Texas Instruments PCM1602A Datasheet HTML 16Page - Texas Instruments PCM1602A Datasheet HTML 17Page - Texas Instruments PCM1602A Datasheet HTML 18Page - Texas Instruments PCM1602A Datasheet HTML 19Page - Texas Instruments PCM1602A Datasheet HTML 20Page - Texas Instruments PCM1602A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
DATA1, DATA2,
DATA3
t(BCH)
1.4 V
BCK
LRCK
t(BCL)
t(LB)
t(BCY)
t(BL)
t(DS)
t(DH)
T0010-06
1.4 V
1.4 V
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
SYMBOL
PARAMETER
MIN
MAX
UNITS
t(BCY)
BCK pulse cycle time
1/(64 fS )
t(BCH)
BCK high-level time
35
ns
t(BCL)
BCK low-level time
35
ns
t(BL)
BCK rising edge to LRCK edge
10
ns
t(LB)
LRCK falling edge to BCK rising edge
10
ns
t(DS)
DATA setup time
10
ns
t(DH)
DATA hold time
10
ns
(1)
fS is the sampling frequency (e.g., 44.1 kHz, 48 kHz, 96 kHz, etc.)
Figure 23. Audio Interface Timing
Table 2. Audio Input Data to Analog Output Mapping
DATA INPUT
CHANNEL
ANALOG OUTPUT
DATA1
Left
VOUT1
(1)
DATA1
Right
VOUT2
(1)
DATA2
Left
VOUT3
(2)
DATA2
Right
VOUT4
(2)
DATA3
Left
VOUT5
(2)
DATA3
Right
VOUT6
(2)
(1)
Up to 192 kHz
(2)
Up to 96 kHz
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com