Electronic Components Datasheet Search
  English  ▼

X  

PCM1602A Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 30Page - Texas Instruments PCM1602A Datasheet HTML 31Page - Texas Instruments PCM1602A Datasheet HTML 32Page - Texas Instruments PCM1602A Datasheet HTML 33Page - Texas Instruments PCM1602A Datasheet HTML 34Page - Texas Instruments PCM1602A Datasheet HTML 35Page - Texas Instruments PCM1602A Datasheet HTML 36Page - Texas Instruments PCM1602A Datasheet HTML 37Page - Texas Instruments PCM1602A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
–
PCM1602A
A
V + *
R
2
R
1
VCOM
OPA2134
+
2
3
1
C1
R3
R2
C2
R1
C3
10
µF
+
S0056-05
R4
+
OPA337
−
To Additional
Low-Pass
Filter Circuits
VOUT
VIN
Digital Logic
and
Audio
Processor
Digital Power
+VD
DGND
Digital Section
Analog Section
Return Path for Digital Signals
Analog Power
+VS
AGND
−VS
+5VA
Digital
Ground
Analog
Ground
Output
Circuits
PCM1602A
AGND
VCC
VDD
DGND
REG
B0031-06
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
Figure 33. Single-Supply Filter Circuit
PCB LAYOUT GUIDELINES
A typical PCB floor plan for the PCM1602A is shown in Figure 34. A ground plane is recommended, with the
analog and digital sections being isolated from one another using a split or cut in the circuit board. The
PCM1602A should be oriented with the digital I/O pins facing the ground plane split/cut to allow for short, direct
connections to the digital audio interface and control signals originating from the digital section of the board.
Figure 34. Recommended PCB Layout
34
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com