Electronic Components Datasheet Search
  English  ▼

X  

PCM1602A Datasheet(PDF) 38 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 34Page - Texas Instruments PCM1602A Datasheet HTML 35Page - Texas Instruments PCM1602A Datasheet HTML 36Page - Texas Instruments PCM1602A Datasheet HTML 37Page - Texas Instruments PCM1602A Datasheet HTML 38Page - Texas Instruments PCM1602A Datasheet HTML 39Page - Texas Instruments PCM1602A Datasheet HTML 40Page - Texas Instruments PCM1602A Datasheet HTML 41Page - Texas Instruments PCM1602A Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
S/PDIF
Receiver
Evaluation Board
DEM-DAI1602A
PCM1602A
2nd-Order
Low-Pass
Filter
Notch Filter
Band Limit
Analyzer
and
Display
Digital
Generator
S/PDIF
Output
100% Full-Scale
24-Bit, 1-kHz
Sine Wave
rms Mode
HPF = 22 Hz(1)
LPF = 30 kHz(1)
Option = 20-kHz Apogee Filter(2)
fC = 1 kHz
f–3 dB = 54 kHz
B0062-04
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
KEY PERFORMANCE PARAMETERS AND MEASUREMENT
This section provides information on how to measure key dynamic performance parameters for the PCM1602A.
In all cases, a System Two Cascade audio measurement system by Audio Precision or equivalent is used to
perform the testing.
TOTAL HARMONIC DISTORTION + NOISE
Total harmonic distortion + noise (THD+N) is a significant figure of merit for audio DACs, because it takes into
account both harmonic distortion and all noise sources within a specified measurement bandwidth. The true RMS
value of the distortion and noise is referred to as THD+N. The test setup for THD+N measurements is shown in
Figure 39.
(1)
There is little difference in measured THD+N when using the various settings for these filters.
(2)
Required for THD+N test
Figure 39. Test Setup for THD+N Measurements
For the PCM1602A DACs, THD+N is measured with a full-scale, 1-kHz digital sine wave as the test stimulus at
the input of the DAC. The digital generator is set to a 24-bit audio word length and a sampling frequency of 44.1
kHz or 96 kHz. The digital generator output is taken from the unbalanced S/PDIF connector of the measurement
system. The S/PDIF data is transmitted via coaxial cable to the digital audio receiver on the DEM-DAI1602
demonstration board. The receiver is then configured to output 24-bit data in either I2S or left-justified data
format. The DAC audio interface format is programmed to match the receiver output format. The analog output is
then taken from the DAC post filter and connected to the analog analyzer input of the measurement system. The
analog input is band-limited, using filters resident in the analyzer. The resulting THD+N is measured by the
analyzer and displayed by the measurement system.
38
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com