Electronic Components Datasheet Search
  English  ▼

X  

PCM1602A Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 25Page - Texas Instruments PCM1602A Datasheet HTML 26Page - Texas Instruments PCM1602A Datasheet HTML 27Page - Texas Instruments PCM1602A Datasheet HTML 28Page - Texas Instruments PCM1602A Datasheet HTML 29Page - Texas Instruments PCM1602A Datasheet HTML 30Page - Texas Instruments PCM1602A Datasheet HTML 31Page - Texas Instruments PCM1602A Datasheet HTML 32Page - Texas Instruments PCM1602A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
f − Frequency − Hz
−100
−80
−60
−40
−20
0
20
1
100
1k
10M
G019
10
10k
100k
1M
–
VCOM
OPA337
+
10
µF
+
PCM1602A
S0054-05
15
4
3
1
V
BIAS +
V
CC
2
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
ANALOG OUTPUTS
The PCM1602A includes six independent output channels, VOUT1 through VOUT6. These are unbalanced outputs,
each capable of driving 3.1 VPP typical into a 5-kΩ ac load with VCC = 5 V. The internal output amplifiers for
VOUT1 through VOUT6 are dc biased to the common-mode (or bipolar zero) voltage, equal to VCC/2.
The output amplifiers include an RC continuous-time filter, which helps to reduce the out-of-band noise energy
present at the DAC outputs due to the noise-shaping characteristics of the PCM1602A delta-sigma DACs. The
frequency response of this filter is shown in Figure 28. By itself, this filter is not enough to attenuate the
out-of-band noise to an acceptable level for most applications. An external low-pass filter is required to provide
sufficient out-of-band noise rejection. Further discussion of DAC post-filter circuits is provided in the Application
Information section of this data sheet.
Figure 28. Output-Filter Frequency Response
VCOM OUTPUT
One unbuffered, common-mode voltage output pin, VCOM (pin 15), is brought out for decoupling purposes. This
pin is nominally biased to a dc voltage level equal to VCC/2. If this pin is to be used to bias external circuitry, a
voltage follower is required for buffering purposes. Figure 29 shows an example of using the VCOM pin for
external biasing applications.
Figure 29. Biasing External Circuits Using the VCOM Pin
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com