Electronic Components Datasheet Search
  English  ▼

X  

PCM1602A Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 3Page - Texas Instruments PCM1602A Datasheet HTML 4Page - Texas Instruments PCM1602A Datasheet HTML 5Page - Texas Instruments PCM1602A Datasheet HTML 6Page - Texas Instruments PCM1602A Datasheet HTML 7Page - Texas Instruments PCM1602A Datasheet HTML 8Page - Texas Instruments PCM1602A Datasheet HTML 9Page - Texas Instruments PCM1602A Datasheet HTML 10Page - Texas Instruments PCM1602A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
7, 8, 16, 20, 29,
NC
–
No connection
30, 31, 32
RST
37
I
System reset, active-low (2)
System clock input. Input frequency is one of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or 768 fS.
SCKI
38
I
(1)
Buffered clock output. Output frequency is one of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or
SCKO
39
O
768 fS, or one-half of 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, or 768 fS.
TEST
42
–
Test pin. This pin should be connected to DGND. (2)
VCC1
28
–
Analog power supply, 5-V
VCC2
26
–
Analog power supply, 5-V
VCC3
24
–
Analog power supply, 5-V
VCC4
22
–
Analog power supply, 5-V
VCC5
18
–
Analog power supply, 5-V
VCOM
15
O
Common voltage output. This pin should be bypassed with a 10-mF capacitor to AGND.
VDD
43
–
Digital power supply, 3.3-V
VOUT1
14
O
Voltage output of audio signal corresponding to Lch on DATA1. Up to 192 kHz.
VOUT2
13
O
Voltage output of audio signal corresponding to Rch on DATA1. Up to 192 kHz.
VOUT3
12
O
Voltage output of audio signal corresponding to Lch on DATA2. Up to 96 kHz.
VOUT4
11
O
Voltage output of audio signal corresponding to Rch on DATA2. Up to 96 kHz.
VOUT5
10
O
Voltage output of audio signal corresponding to Lch on DATA3. Up to 96 kHz.
VOUT6
9
O
Voltage output of audio signal corresponding to Rch on DATA3. Up to 96 kHz.
ZERO1/GPO1
1
O
Zero-data flag for VOUT1. Can also be used as GPO pin.
ZERO2/GPO2
2
O
Zero-data flag for VOUT2. Can also be used as GPO pin.
ZERO3/GPO3
3
O
Zero-data flag for VOUT3. Can also be used as GPO pin.
ZERO4/GPO4
4
O
Zero-data flag for VOUT4. Can also be used as GPO pin.
ZERO5/GPO5
5
O
Zero-data flag for VOUT5. Can also be used as GPO pin.
ZERO6/GPO6
6
O
Zero-data flag for VOUT6. Can also be used as GPO pin.
ZEROA
48
O
Zero-data flag. Logical AND of ZERO1 through ZERO6
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com