Electronic Components Datasheet Search
  English  ▼

X  

PCM1602A Datasheet(PDF) 35 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 31Page - Texas Instruments PCM1602A Datasheet HTML 32Page - Texas Instruments PCM1602A Datasheet HTML 33Page - Texas Instruments PCM1602A Datasheet HTML 34Page - Texas Instruments PCM1602A Datasheet HTML 35Page - Texas Instruments PCM1602A Datasheet HTML 36Page - Texas Instruments PCM1602A Datasheet HTML 37Page - Texas Instruments PCM1602A Datasheet HTML 38Page - Texas Instruments PCM1602A Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
VDD
Digital Section
Analog Section
RF Choke or Ferrite Bead
Power Supplies
Common
Ground
Output
Circuits
AGND
VCC
+VS
+5V
−VS
AGND
VDD
DGND
REG
PCM1602A
B0032-06
Digital Logic
and
Audio
Processor
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
Separate power supplies are recommended for the digital and analog sections of the board. This prevents the
switching noise present on the digital supply from contaminating the analog power supply and degrading the
dynamic performance of the DACs. In cases where a common 5-V supply must be used for the analog and
digital sections, an inductance (RF choke, ferrite bead) should be placed between the analog and digital 5-V
supply connections to avoid coupling of the digital switching noise into the analog circuitry. Figure 35 shows the
recommended approach for single-supply applications.
Figure 35. Single-Supply PCB Layout
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com