Electronic Components Datasheet Search
  English  ▼

X  

PCM1602A Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 21Page - Texas Instruments PCM1602A Datasheet HTML 22Page - Texas Instruments PCM1602A Datasheet HTML 23Page - Texas Instruments PCM1602A Datasheet HTML 24Page - Texas Instruments PCM1602A Datasheet HTML 25Page - Texas Instruments PCM1602A Datasheet HTML 26Page - Texas Instruments PCM1602A Datasheet HTML 27Page - Texas Instruments PCM1602A Datasheet HTML 28Page - Texas Instruments PCM1602A Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 9
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
FLT
CLKD
CLKE
FMT2
FMT1
FMT0
R/W – Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
FLT – Digital Filter Rolloff Control
This bit is read/write.
Default value: 0
FLT = 0
Sharp rolloff (default)
FLT = 1
Slow rolloff
The FLT bit allows users to select the digital filter rolloff that is best suited to their application. Two filter rolloff
selections are available: sharp or slow. The filter responses for these selections are shown in the Typical
Performance Curves section of this data sheet.
CLKD – SCKO Frequency Selection
This bit is read/write.
Default value: 0
CLKD = 0
Full-rate, fSCKO = fSCKI (default)
CLKD = 1
Half-rate, fSCKO = fSCKI/2
The CLKD bit is used to determine the clock frequency at the system clock output pin, SCKO.
CLKE – SCKO Output Enable
This bit is read/write.
Default value: 0
CLKE = 0
SCKO enabled (default)
CLKE = 1
SCKO disabled
The CLKE bit is used to enable or disable the system clock output pin, SCKO. When SCKO is enabled, it outputs
either a full- or half-rate clock, based on the setting of the CLKD bit. When SCKO is disabled, it is set to a LOW
level.
FMT[2:0] – Audio Interface Data Format
These bits are read/write.
Default value: 000b
FMT[2:0]
Audio Data Format Selection
000
24-bit standard format, right-justified data (default)
001
20-bit standard format, right-justified data
010
18-bit standard format, right-justified data
011
16-bit standard format, right-justified data
100
I2S format, 16- to 24-bit
101
Left-justified format, 16- to 24-bit
110
Reserved
111
Reserved
The FMT[2:0] bits are used to select the data format for the serial audio interface.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com