Electronic Components Datasheet Search
  English  ▼

X  

PCM1850 Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 11Page - Texas Instruments PCM1850 Datasheet HTML 12Page - Texas Instruments PCM1850 Datasheet HTML 13Page - Texas Instruments PCM1850 Datasheet HTML 14Page - Texas Instruments PCM1850 Datasheet HTML 15Page - Texas Instruments PCM1850 Datasheet HTML 16Page - Texas Instruments PCM1850 Datasheet HTML 17Page - Texas Instruments PCM1850 Datasheet HTML 18Page - Texas Instruments PCM1850 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
15
ANALOG FRONT END
The PCM1850/1851 has a built-in analog front-end circuit, which is shown in the block diagram of Figure 22. Selection of
the multiplexer input and PGA gain is controlled by mode control via the serial port as shown in Table 2 and Table 3. The
change of the input selection and the gain selection is performed immediately after the serial control packet for the change
is sent. A popping noise or other unexpected transient response could be generated in the audio signal during channel and
gain change. Because the PCM1850/1851 has no zero-cross detection and no other buffering capability for channel and
gain change, appropriate data handling in the digital domain is recommended to control transients.
The PCM1850/1851 analog front end permits only ac input via an input capacitor; dc input is prohibited. A signal source
resistance of less than 1 k
Ω is recommended for the VINxx pins.
All unselected channel inputs are terminated VREFS (= 0.5 VCC) using a resistor, typically 57 kΩ.
The PCM1850/1851 employs MOUTL/R pins (pins 12 and 11) to monitor the multiplexer output. The load on these pins
must be ac-coupled and not less than 10 k
Ω. The full-scale output level is typically 0.6 VCC.
PGA
(11 dB to –11 dB)
with MUX
G = –1
VREFS
(= 0.5 VCC)
LIN+
R
VINL1
R
VINL6
R
VINL2
VREF1
(= 0.5 VCC)
R
R
MOUTL
LIN–
Figure 22. Analog Front-End Block Diagram (L-channel)
Table 2. Multiplexer Input Selection
CH2
CH1
CH0
CHANNEL
0
0
0
Mute
0
0
1
Channel 1 (default)
0
1
0
Channel 2
0
1
1
Channel 3
1
0
0
Channel 4
1
0
1
Channel 5
1
1
0
Channel 6
1
1
1
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com