Electronic Components Datasheet Search
  English  ▼

X  

PCM1850 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 18Page - Texas Instruments PCM1850 Datasheet HTML 19Page - Texas Instruments PCM1850 Datasheet HTML 20Page - Texas Instruments PCM1850 Datasheet HTML 21Page - Texas Instruments PCM1850 Datasheet HTML 22Page - Texas Instruments PCM1850 Datasheet HTML 23Page - Texas Instruments PCM1850 Datasheet HTML 24Page - Texas Instruments PCM1850 Datasheet HTML 25Page - Texas Instruments PCM1850 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
22
HPF Bypass Control
The built-in HPF function for dc component rejection can be bypassed via the serial port. In bypass mode, the dc component
of the analog input signal, the internal dc offset, etc., are converted and included in the digital output data.
BYP
HPF (HIGH-PASS FILTER) MODE
0
Normal (no dc component on DOUT) mode (default)
1
Bypass (dc component on DOUT) mode
System Reset Control
The system reset control is used to resynchronize the system via the serial port when the system clock frequency, interface
mode, and data format are changed. Change them while SRST = LOW. If they are changed during normal operation, analog
performance can be degraded.
SRST
SYSTEM RESET
0
Resynchronization
1
Normal operation (default)
Mode Register Reset Control
The MRST bit is used to reset the mode control register to its default settings via the serial port.
MRST
MODE REGISTER RESET
0
Set default value
1
Normal operation (default)
SPI SERIAL CONTROL PORT FOR MODE CONTROL (PCM1850)
The user-programmable built-in functions of the PCM1850 can be controlled through a serial control port with the SPI
format. All operations for the serial control port use 16-bit data words. Figure 27 shows the control data word format. The
most significant bit must be set to 0. There are seven bits, labeled IDX[6:0], that set the register index (or address) for write
operations. The least significant eight bits, D[7:0], contain the data to be written to the register specified by IDX[6:0].
Figure 28 shows the functional timing diagram for writing to the serial control port. MS (pin 30) is held at a logic 1 state until
a register needs to be written. To start the register write cycle, MS is set to logic 0. Sixteen clocks are then provided on MC
(pin 31), corresponding to the 16 bits of the control data word on MD (pin 32). After the sixteenth clock cycle has completed,
the data is latched into the indexed mode control register in the write operation. To write the next data word, MS must be
set to 1 once.
MSB
LSB
Register Index (or Address)
Register Data
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D4
D5
D3
D2
D1
D0
Figure 27. Control Data Word Format for MD
IDX0
D7
D6
D4
D5
D3
D2
D1
D0
MS
MC
MD
IDX1
IDX2
IDX3
IDX4
IDX5
IDX6
0
X
X
X
0
IDX6
Figure 28. Serial Control Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com