Electronic Components Datasheet Search
  English  ▼

X  

PCM1850 Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 19Page - Texas Instruments PCM1850 Datasheet HTML 20Page - Texas Instruments PCM1850 Datasheet HTML 21Page - Texas Instruments PCM1850 Datasheet HTML 22Page - Texas Instruments PCM1850 Datasheet HTML 23Page - Texas Instruments PCM1850 Datasheet HTML 24Page - Texas Instruments PCM1850 Datasheet HTML 25Page - Texas Instruments PCM1850 Datasheet HTML 26Page - Texas Instruments PCM1850 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
23
CONTROL INTERFACE TIMING REQUIREMENTS (PCM1850)
Figure 29 shows a detailed timing diagram for the serial control interface of the PCM1850. These timing parameters are
critical for proper control port operation.
t(MCH)
1.4 V
MS
t(MSS)
LSB
1.4 V
1.4 V
t(MCL)
t(MHH)
t(MSH)
t(MCY)
t(MDH)
t(MDS)
MC
MD
SYMBOL
PARAMETERS
MIN
MAX
UNITS
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC LOW level time
40
ns
t(MCH)
MC HIGH level time
40
ns
t(MHH)
MS HIGH level time
80
ns
t(MSS)
MS falling edge to MC rising edge
15
ns
t(MSH)
MS hold time(1)
15
ns
t(MDH)
MD hold time
15
ns
t(MDS)
MD setup time
15
ns
(1) MC rising edge for LSB to MS rising edge.
Figure 29. PCM1850 Control Interface Timing
I2C SERIAL CONTROL PORT FOR MODE CONTROL (PCM1851)
The user-programmable built-in function of the PCM1851 can be controlled through the I2C-format serial control port, SDA
(pin 32) and SCL (pin 31). The PCM1851 supports the I2C serial bus and the data transmission protocol for standard mode
as a slave device. This protocol is explained in the I2C specification 2.0.
Slave Address
MSB
LSB
1
0
0
1
0
1
ADR
R/nW
The PCM1851 has 7 bits for its own slave address. The first six bits (MSBs) of the slave address are factory preset to
100101. The last bit of the address byte is the device select bit, which can be user-defined by the ADR pin (pin 30). A
maximum of two PCM1851s can be connected on the same bus at one time. Each PCM1851 responds when it receives
its own slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com