Electronic Components Datasheet Search
  English  ▼

X  

PCM1850 Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 13Page - Texas Instruments PCM1850 Datasheet HTML 14Page - Texas Instruments PCM1850 Datasheet HTML 15Page - Texas Instruments PCM1850 Datasheet HTML 16Page - Texas Instruments PCM1850 Datasheet HTML 17Page - Texas Instruments PCM1850 Datasheet HTML 18Page - Texas Instruments PCM1850 Datasheet HTML 19Page - Texas Instruments PCM1850 Datasheet HTML 20Page - Texas Instruments PCM1850 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
17
SERIAL AUDIO DATA INTERFACE
The PCM1850/1851 interfaces with the audio system through BCK (pin 2), LRCK (pin 1), and DOUT (pin 3).
Interface Mode
The PCM1850/1851 supports both master and slave modes as interface modes, and they are selected by mode control
via the serial port as shown in Table 4.
In master mode, the PCM1850/1851 provides the timing for serial audio data communications between the PCM1850/1851
and the digital audio processor or external circuit. While in slave mode, the PCM1850/1851 receives the timing for data
transfer from an external controller.
Table 4. Interface Mode
MD1
MD0
INTERFACE MODE
0
0
Slave mode (256 fS, 384 fS, 512 fS, 768 fS) (default)
0
1
Master mode (256 fS)
1
0
Master mode (384 fS)
1
1
Master mode (512 fS)
Master Mode
In master mode, BCK and LRCK work as output pins, and these pins are controlled by timing which is generated in the
clock and timing control circuit of the PCM1850/1851. The frequency of BCK is fixed at 64
× LRCK. A 768-fS system clock
is not available in master mode.
Slave Mode
In slave mode, BCK and LRCK work as input pins. The PCM1850/1851 accepts the 64 BCK/LRCK or 48 BCK/LRCK (only
for 384 fS SCKI) format. A 768-fS system clock is not available for fS = 88.2 kHz and 96 kHz in slave mode.
Data Format
The PCM1850/1851 supports four audio data formats in both master and slave modes, and they are selected by mode
control via the serial port as shown in Table 5. Figure 23 illustrates the data formats in both slave and master modes.
Table 5. Data Format
FORMAT NO.
FMT2
FMT1
FMT0
FORMAT
0
1
0
1
Left-justified, 24-bit
1
1
0
0
I2S, 24-bit, (default)
2
0
0
0
Right-justified, 24-bit
3
0
1
1
Right-justified, 16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com