Electronic Components Datasheet Search
  English  ▼

X  

PCM4201 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM4201
Description  Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4201 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM4201 Datasheet HTML 12Page - Texas Instruments PCM4201 Datasheet HTML 13Page - Texas Instruments PCM4201 Datasheet HTML 14Page - Texas Instruments PCM4201 Datasheet HTML 15Page - Texas Instruments PCM4201 Datasheet HTML 16Page - Texas Instruments PCM4201 Datasheet HTML 17Page - Texas Instruments PCM4201 Datasheet HTML 18Page - Texas Instruments PCM4201 Datasheet HTML 19Page - Texas Instruments PCM4201 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
16
APPLICATIONS INFORMATION
A typical connection diagram for the PCM4201 is shown
in Figure 11.
Power supply bypass and reference
decoupling capacitors are included, and are labeled with
recommended values. The 0.1
µF capacitors should be
X7R ceramic chip type, although other low ESR capacitor
types may also be used. The 10
µF capacitors may be low
ESR
tantalum,
multilayer
ceramic,
or
aluminum
electrolytic capacitors. Analog and digital ground pins
should be connected at a common point, preferably
beneath the PCM4201 package.
Printed circuit board layout is critical for best performance.
Please refer to the PCM4201EVM User’s Guide (TI
literature number SBAU108) for an example of a design
and layout that meets the published specifications for the
PCM4201.
INPUT BUFFER CIRCUIT EXAMPLES
The PCM4201 analog input requires some type of input
buffer or signal conditioning circuitry, especially when
interfacing to a microphone capsule. The input buffer or
amplifier must incorporate at least a single pole, RC
low-pass filter in order to provide antialias filtering for the
delta-sigma modulator. A filter with a −3dB corner
frequency in the range of 100kHz to 150kHz should be
sufficient for common audio output sampling rates equal to
or greater than 44.1kHz. However, a low-pass filter with a
lower corner frequency and possibly a higher filter order
will be required when running at the lower sampling rates,
depending upon the system requirements. Examples of
single-ended and differential input circuits are shown in
Figure 12 and Figure 13, respectively.
V
IN+
V
IN−
AGND
V
CC
RATE
S/M
RST
HPFD
V
REF+
V
REF−
DGND
V
DD
SCKI
BCK
FSYNC
DATA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PCM4201
From
Control
Logic
DSP, FPGA,
or
DIT4096
System Clock
0.1
µF
+
10
µF
0.1
µF
+
10
µF
+1.8V to +3.6V
Analog
Input
Input
Buffer
10
µF0.1µF
+5V
+
Figure 11. Typical Connections for the PCM4201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com