Electronic Components Datasheet Search
  English  ▼

X  

PCM4201 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM4201
Description  Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4201 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM4201 Datasheet HTML 4Page - Texas Instruments PCM4201 Datasheet HTML 5Page - Texas Instruments PCM4201 Datasheet HTML 6Page - Texas Instruments PCM4201 Datasheet HTML 7Page - Texas Instruments PCM4201 Datasheet HTML 8Page - Texas Instruments PCM4201 Datasheet HTML 9Page - Texas Instruments PCM4201 Datasheet HTML 10Page - Texas Instruments PCM4201 Datasheet HTML 11Page - Texas Instruments PCM4201 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VDD = 1.8V, VCC = 5.0V, Master Mode, SCKI = 24.576MHz, unless otherwise noted.
DOUBLE−SPEED FFT PLOT
(f
S =96kHz,fIN =997Hz at −1dB)
Frequency (Hz)
48k
20
100
1k
10k
0
−20
−40
−60
−80
−100
−120
−140
−160
DOUBLE−SPEED FFT PLOT
(f
S = 96kHz, fIN =997Hz at −20dB)
Frequency (Hz)
48k
20
100
1k
10k
0
−20
−40
−60
−80
−100
−120
−140
−160
DOUBLE−SPEED FFT PLOT
(f
S = 96kHz, fIN = 997Hz at −60dB)
Frequency (Hz)
48k
20
100
1k
10k
0
−20
−40
−60
−80
−100
−120
−140
−160
THD+N vs AMPLITUDE, HIGH PERFORMANCE
(f
S =48kHz,fIN = 997Hz, BW = 20Hz to 20kHz)
Amplitude (dB)
0
−120
−100
−80
−60
−40
−20
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
V
DD =3.3V
V
DD =1.8V
THD+N vs AMPLITUDE, LOW POWER
(f
S =48kHz, fIN = 997Hz, BW = 20Hz to 20kHz)
Amplitude (dB)
0
−120
−100
−80
−60
−40
−20
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
V
DD =3.3V
V
DD =1.8V
THD+N vs AMPLITUDE, DOUBLE SPEED
(f
S =96kHz, fIN = 997Hz, BW = 20Hz to 40kHz)
Amplitude (dB)
0
−120
−100
−80
−60
−40
−20
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
V
DD =3.3V
V
DD =1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com