Electronic Components Datasheet Search
  English  ▼

X  

PCM4201 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM4201
Description  Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4201 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM4201 Datasheet HTML 8Page - Texas Instruments PCM4201 Datasheet HTML 9Page - Texas Instruments PCM4201 Datasheet HTML 10Page - Texas Instruments PCM4201 Datasheet HTML 11Page - Texas Instruments PCM4201 Datasheet HTML 12Page - Texas Instruments PCM4201 Datasheet HTML 13Page - Texas Instruments PCM4201 Datasheet HTML 14Page - Texas Instruments PCM4201 Datasheet HTML 15Page - Texas Instruments PCM4201 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
12
Normal Speed, High Performance mode provides the best
overall dynamic performance at the expense of increased
power dissipation. Sampling rates up to 54kHz are
supported. The modulator oversampling rate is 128fS for
this mode, improving the overall dynamic range and
THD+N when compared to Low Power mode.
Double Speed mode supports sampling frequencies up to
108kHz with power dissipation that is somewhat higher
than Normal Speed, High Performance mode. The
modulator oversampling rate is 64fS for this mode.
The sampling mode is selected using the RATE input (pin
5). The RATE pin is a tri-level logic input, with the ability to
detect low, high, and floating (or high-impedance) states.
Table 3
shows
the
available
sampling
mode
configurations using the RATE pin. For the floating or
high-impedance case, it is best to drive the RATE pin with
a tri-state buffer, such as the Texas Instruments
SN74LVC1G125 or equivalent. This allows the buffer to be
disabled, setting the output to a high-impedance state.
Table 3. Sampling Mode Configuration
RATE (PIN 5)
SAMPLING MODE SELECTION
0
Double Speed
1
Normal Speed, Low Power
Float or Hi Z
Normal Speed, High Performance
AUDIO SERIAL PORT
The PCM4201 audio serial port is a 3-wire synchronous
serial interface comprised of the audio serial data output,
DATA (pin 9); a frame synchronization clock, FSYNC (pin
10); and a bit or data clock, BCK (pin 11). The FSYNC and
BCK clocks may be either inputs or outputs, supporting
either Slave or Master mode interfaces, respectively. The
audio data format is 24-bit linear PCM, represented as
two’s complement binary data with the MSB being the first
data bit in the frame. Figure 3 illustrates the audio frame
format, while Figure 4 and the Electrical Characteristics
table highlight the important timing parameters for the
audio serial port interface.
Data (4)
(1)(2)
1/f
S
Data (4)
FSYNC (3)
DATA
FSYNC (5)
DATA
Slave Mode
Frame Format
One Frame
Master Mode
Frame Format
NOTES: (1) One Frame = 128 BCK clock cycles for Normal Speed modes and 64 BCK clock cycles for Double Speed mode.
(2) If BCK = 128f
S when Normal Speed, Low Power sampling is enabled, then the frame will begin on the falling edge of the FSYNC clock input.
The FSYNC clockisinverted for this case.
(3) For Slave Mode operation, the FSYNC pulse width high period must be at least one BCK clock cycle in length, while the FSYNC pulse low
period must be at least one BCK clock cycle in length. Best performance is achieved when the FSYNC duty cycle is 50%.
(4) The audio data word length is 24 bits and is Left−Justified in the frame. The audio data is always presented in two’s complement binary format
with theMSB beingthe first databit in the frame.
(5) For Master mode operation, the FSYNC clock duty cycle is equal to 50%.
Figure 3. Audio Serial-Port Frame Format
t
DLK
t
DBK
t
H
t
BCKL
t
S
t
BCKH
FSYNC
BCK
DATA
Figure 4. Audio Serial-Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com