Electronic Components Datasheet Search
  English  ▼

X  

PCM4201 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM4201
Description  Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM4201 Datasheet HTML 6Page - Texas Instruments PCM4201 Datasheet HTML 7Page - Texas Instruments PCM4201 Datasheet HTML 8Page - Texas Instruments PCM4201 Datasheet HTML 9Page - Texas Instruments PCM4201 Datasheet HTML 10Page - Texas Instruments PCM4201 Datasheet HTML 11Page - Texas Instruments PCM4201 Datasheet HTML 12Page - Texas Instruments PCM4201 Datasheet HTML 13Page - Texas Instruments PCM4201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
10
PRODUCT OVERVIEW
The PCM4202 is a single channel audio analog-to-digital
converter (ADC) designed for use in low power, battery-
operated or portable professional audio equipment. Target
applications include digital wireless microphones and
portable
digital
audio
recorders/processors.
The
PCM4201 features 24-bit linear PCM output data, with a
format compatible with digital signal processors, digital
audio interface transmitters, and programmable logic
devices.
The PCM4201 includes three sampling modes, supporting
sampling rates up to 108kHz. The Normal Speed, Low
Power mode supports sampling rates up to 54kHz, and
employs 64x oversampling to reduce overall converter
power. The Normal Speed, High Performance mode
supports sampling rates up to 54kHz with 128x
oversampling, resulting in improved dynamic range and
THD+N when compared to the Low Power mode, at the
expense of increased power dissipation. The Double
Speed mode supports sampling frequencies up to 108kHz
and is provided for those applications where higher
sampling rates may be required.
A digital high-pass filter is included for DC removal.
Dedicated control pins are included for sampling mode
selection, Slave/Master mode audio serial port operation,
digital
high-pass
filter
enable/disable,
and
reset/
power-down functions.
A +5V power supply is required for the analog section of
the device, while a +3.3V power supply is typically utilized
for the digital section. The digital supply may be operated
at voltages as low as +1.8V, with a corresponding 10 to 20
milliwatt (mW) reduction in power dissipation, depending
upon the sampling mode selection. Figure 1 shows the
functional block diagram for the PCM4201.
HPF
Delta−Sigma
Modulator
Decimation
Filter
Voltage
Reference
V
REF+
V
REF−
V
INR+
V
INR−
Power
V
DD
AGND
Reset
Logic
Clock
Control
Audio
Serial
Port
DGND
V
CC
FSYNC
BCK
DATA
S/M
RATE
SCKI
RST
HPFD
Figure 1. PCM4201 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com