Electronic Components Datasheet Search
  English  ▼

X  

PCM4201 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM4201
Description  Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4201 Datasheet(HTML) 4 Page - Texas Instruments

  PCM4201 Datasheet HTML 1Page - Texas Instruments PCM4201 Datasheet HTML 2Page - Texas Instruments PCM4201 Datasheet HTML 3Page - Texas Instruments PCM4201 Datasheet HTML 4Page - Texas Instruments PCM4201 Datasheet HTML 5Page - Texas Instruments PCM4201 Datasheet HTML 6Page - Texas Instruments PCM4201 Datasheet HTML 7Page - Texas Instruments PCM4201 Datasheet HTML 8Page - Texas Instruments PCM4201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all characteristics are measured with TA = +25°C, VCC = +5V, and VDD = +3.3V. System clock frequency is set to
24.576 MHz. Device is operated in Slave mode.
PCM4201
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
DYNAMIC PERFORMANCE(2) with VCC = +5V and VDD = +1.8V
Normal Speed, Low Power, fS = 48kHz, BW = 22Hz to 20kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dB, fIN = 1kHz
−103
−100
dB
Dynamic range
VIN = −60dB, fIN = 1kHz, A-weighted
104
109
dB
Dynamic range, no weighting
VIN = −60dB, fIN = 1kHz
106
dB
Normal Speed, High Performance, fS = 48kHz, BW = 22Hz to 20kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dB, fIN = 1kHz
−105
−100
dB
Dynamic range
VIN = −60dB, fIN = 1kHz, A-weighted
105
112
dB
Dynamic range, no weighting
VIN = −60dB, fIN = 1kHz
110
dB
Double Speed, fS = 96kHz, BW = 22Hz to 40kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dB, fIN = 1kHz
−103
−100
dB
Dynamic range
VIN = −60dB, fIN = 1kHz, A-weighted
105
112
dB
Dynamic range, no weighting
VIN = −60dB, fIN = 1kHz
106
dB
DYNAMIC PERFORMANCE(2) with VCC = +5V and VDD = +3.3V
Normal Speed, Low Power, fS = 48kHz, BW = 22Hz to 20kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dB, fIN = 1kHz
−102
−100
dB
Dynamic range
VIN = −60dB, fIN = 1kHz, A-weighted
104
106
dB
Dynamic range, no weighting
VIN = −60dB, fIN = 1kHz
104
dB
Normal Speed, High Performance, fS = 48kHz, BW = 22Hz to 20kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dB, fIN = 1kHz
−105
−100
dB
Dynamic range
VIN = −60dB, fIN = 1kHz, A-weighted
105
112
dB
Dynamic range, no weighting
VIN = −60dB, fIN = 1kHz
109
dB
Double Speed, fS = 96kHz, BW = 22Hz to 40kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dB, fIN = 1kHz
−103
−100
dB
Dynamic range
VIN = −60dB, fIN = 1kHz, A-weighted
105
111
dB
Dynamic range, no weighting
VIN = −60dB, fIN = 1kHz
106
dB
DIGITAL DECIMATION FILTER
Passband edge
0.453fS
Hz
Passband ripple
±0.005
dB
Stop band edge
0.547fS
Hz
Stop band attenuation
−100
dB
Group delay
37/fS
sec
(1) Applies to RATE (pin 5) and S/M (pin 6) inputs.
(2) All typical dynamic performance specifications were measured using an Audio Precision System Two Cascade or Cascade Plus test system and a PCM4201EVM
evaluation module. For Normal Speed operation, the measurement bandwidth is limited using the Audio Precision 22Hz high-pass filter and 20kHz low-pass filter.
For Double Speed mode, the measurement bandwidth is limited using the Audio Precision 22Hz high-pass filter and a user-defined 40kHz low-pass filter (the
fS/2 low pass filter may be utilized with similar results). All A-weighted measurements are made using the Audio Precision A-weighting filter in combination with
the filters previously noted here. Minimum and maximum dynamic performance limits are based upon the capability of the production test solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com