Electronic Components Datasheet Search
  English  ▼

X  

PCM4201 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM4201
Description  Low Power, 24-Bit, Single Channel Audio Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM4201 Datasheet HTML 2Page - Texas Instruments PCM4201 Datasheet HTML 3Page - Texas Instruments PCM4201 Datasheet HTML 4Page - Texas Instruments PCM4201 Datasheet HTML 5Page - Texas Instruments PCM4201 Datasheet HTML 6Page - Texas Instruments PCM4201 Datasheet HTML 7Page - Texas Instruments PCM4201 Datasheet HTML 8Page - Texas Instruments PCM4201 Datasheet HTML 9Page - Texas Instruments PCM4201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
6
PIN ASSIGNMENT
V
IN+
V
IN−
AGND
V
CC
RATE
S/M
RST
HPFD
V
REF+
V
REF−
DGND
V
DD
SCKI
BCK
FSYNC
DATA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PCM4201
PW PACKAGE
TSSOP-16
(TOP VIEW)
Terminal Functions
TERMINAL
PIN NO.
NAME
I/O
DESCRIPTION
1
VIN+
Input
Noninverting Analog Input
2
VIN−
Input
Inverting Analog Input
3
AGND
Ground
Analog Ground
4
VCC
Power
Analog Supply, +5V
5
RATE
Input
Sampling Mode Configuration (Tri-Level Input): 0 = Double Speed;
1 = Normal Speed, Low Power; Z = Normal Speed, High Performance.
Maximum external capacitive load is 100pF.
6
S/M
Input
Audio Serial Port Slave/Master Mode (0 = Master, 1 = Slave)
7
RST
Input
Reset/Power Down (Active Low)
8
HPFD
Input
High Pass Filter Disable (Active High)
9
DATA
Output
Audio Serial Port Data
10
FSYNC
I/O
Audio Serial Port Frame Synchronization Clock
11
BCK
I/O
Audio Serial Port Bit (or Data) Clock
12
SCKI
Input
System Clock
13
VDD
Power
Digital Supply, +3.3V Typical(1)
14
DGND
Ground
Digital Ground
15
VREF−
Output
Voltage Reference Low Output, Connect to AGND
16
VREF+
Output
Voltage Reference High Output, De-Coupling Only(2)
(1) The VDD supply may be operated from +1.8V to +3.6V.
(2) Unbuffered output. Do not use to drive external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com