Electronic Components Datasheet Search
  English  ▼

X  

XCL205 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL205 Datasheet HTML 1Page - Torex Semiconductor XCL205 Datasheet HTML 2Page - Torex Semiconductor XCL205 Datasheet HTML 3Page - Torex Semiconductor XCL205 Datasheet HTML 4Page - Torex Semiconductor XCL205 Datasheet HTML 5Page - Torex Semiconductor XCL205 Datasheet HTML 6Page - Torex Semiconductor XCL205 Datasheet HTML 7Page - Torex Semiconductor XCL205 Datasheet HTML 8Page - Torex Semiconductor XCL205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
XCL205/XCL206/XCL207Series
Inductor Built-in Step-Down “micro DC/DC” Converters
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current:IOUT (mA)
VIN= 5.5V
5.0V
4.2V
VOUT=3.3V
(PWM)
XCL206/XCL207(PWM/PFM)
XCL205/XCL207
■TYPICAL PERFORMANCE
CHARACTERISTICS
☆Green Operation Compatible
■APPLICATIONS
●Mobile phones, Smart phones
●Bluetooth Headsets
●WiMAX PDAs, MIDs, UMPCs
●Portable game consoles
●Digital cameras, Camcorders
●Electronic dictionaries
■TYPICAL APPLICATION CIRCUIT
ETR2801-015
■GENERAL DESCRIPTION
The XCL205/XCL206/XCL207 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a
control IC in one tiny package (2.5mm×2.0mm, H=1.0mm). A stable power supply with an output current of 600mA is
configured using only two capacitors connected externally.
Operating voltage range is from 2.0V to 6.0V(XCL20xG:1.8V~6.0V). Output voltage is internally set in a range from 0.8V to
4.0V in increments of 0.05V.
The device is operated by 3.0MHz, and includes 0.42Ω P-channel driver transistor and 0.52Ω N-
channel switching transistor. As for operation mode, the XCL205 series is PWM control, the XCL206 series is automatic
PWM/PFM switching control and the XCL207 series can be manually switched between the PWM control mode and the
automatic PWM/PFM switching control mode, allowing fast response, low ripple and high efficiency over the full range of loads
(from light load to heavy load). During stand-
by, the device is shutdown to reduce current consumption to as low as 1.0μA or
less. With the built-in UVLO (Under Voltage Lock Out) function, the internal driver transistor is forced OFF when input voltage
becomes 1.4V or lower.
XCL205B (G, F)/XCL206B (G, F)/XCL207B (G, F) series provide short-time turn-on by the soft start function internally set in
0.25ms (TYP). XCL205B(C,G,F) /XCL206 B(C,G,F) / XCL207B(C,G,F) integrate CL auto discharge function which enables the
electric charge stored at the output capacitor CL to be discharged via the internal auto-discharge switch located between the
LX and VSS pins. When the devices enter stand-by mode, output voltage quickly returns to the VSS level as a result of this
function.
VIN
Vss
CE/MODE
LX
Vss
VOUT
CL
10μF
4.7μF
CIN
L1
L2
600mA
(TOP VIEW)
* “L1 and LX”, and “L2 and VOUT” is connected by wiring.
■FEATURES
Ultra-Small
: 2.5mm×2.0mm, H=1.0mm
Input Voltage
: 2.0V ~ 6.0V(A/B/C Type)
1.8V ~ 6.0V(G/F Type)
Output Voltage
: 0.8V ~ 4.0V (+2.0%)
High Efficiency
: 90% (VIN=4.2V, VOUT=3.3V)
Output Current
: 600mA
Oscillation Frequency
: 3.0MHz (+15%)
Maximum Duty Cycle
Capacitor
CE Function
Protection Circuits
: 100%
: Low ESR Ceramic
: Active High
Soft-Start Circuit Built-In
CL High Speed Auto Discharge
:Current Limiter Circuit Built-In
(Constant Current & Latching)
Control Methods
: PWM (XCL205)
PWM/PFM Auto (XCL206)
PWM/PFM Manual (XCL207)
Operating Ambient Temperature
Environmentally Friendly
: -40℃ ~ +85℃
: EU RoHS Compliant, Pb Free
XCL205A333xx/XCL206A333xx/XCL207A333xx
XCL205/206/207 Series A/B/C/G Types


Similar Part No. - XCL205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205A103AR-G TOREX-XCL205A103AR-G Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205A123AR-G TOREX-XCL205A123AR-G Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205A143AR-G TOREX-XCL205A143AR-G Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
More results

Similar Description - XCL205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205_1 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Murata Manufacturing Co...
MYRGM-X MURATA1-MYRGM-X Datasheet
2Mb / 17P
2.0A Inductor Built-in Step-Down DC/DC Converters
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
Inductor Built-in Step-Down “mini DC/DC” Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com