Electronic Components Datasheet Search
  English  ▼

X  

XCL205 Datasheet(PDF) 23 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 23 Page - Torex Semiconductor

Back Button XCL205 Datasheet HTML 19Page - Torex Semiconductor XCL205 Datasheet HTML 20Page - Torex Semiconductor XCL205 Datasheet HTML 21Page - Torex Semiconductor XCL205 Datasheet HTML 22Page - Torex Semiconductor XCL205 Datasheet HTML 23Page - Torex Semiconductor XCL205 Datasheet HTML 24Page - Torex Semiconductor XCL205 Datasheet HTML 25Page - Torex Semiconductor XCL205 Datasheet HTML 26Page - Torex Semiconductor XCL205 Datasheet HTML 27Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23/27
XCL205/XCL206/XCL207
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13) Soft-Start Time vs. Ambient Temperature
(14) CL Discharge Resistance vs. Ambient Temperature
(15) Load Transient Response 1
MODE:PWM/PFM Automatic Switching Control
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=5.0V
IOUT=1.0mA
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=6.0V
4.0V
2.0V
XCL207B333
IOUT=1mA ⇒ 100mA
1ch:100mA/div 2ch:50mV/div
1ch
VOUT
2ch
Time:100μs/div
VIN=3.6V,VOUT=1.8V
IOUT=1mA ⇒ 300mA
VOUT
1ch:100mA/div 2ch:50mV/div
Time:100μs/div
1ch
2ch
VIN=3.6V,VOUT=1.8V
IOUT=100mA ⇒ 1mA
VOUT
1ch:100mA/div 2ch:50mV/div
Time:100μs/div
2ch
1ch
VIN=3.6V,VOUT=1.8V
IOUT=300mA ⇒ 1mA
VOUT
1ch:100mA/div 2ch:50mV/div
Time:100μs/div
1ch
2ch
VIN=3.6V,VOUT=1.8V
XCL205B333AR/XCL206B333AR/XCL207B333AR
XCL205B333AR/XCL206B333AR/XCL207B333AR
Time: 100μs /div
Time: 100μs /div
Time: 100μs /div
Time: 100μs /div
XCL206A183AR/XCL207A183AR
XCL206A183AR/XCL207A183AR
XCL206A183AR/XCL207A183AR
XCL206A183AR/XCL207A183AR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com