Electronic Components Datasheet Search
  English  ▼

X  

XCL205 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XCL205 Datasheet HTML 18Page - Torex Semiconductor XCL205 Datasheet HTML 19Page - Torex Semiconductor XCL205 Datasheet HTML 20Page - Torex Semiconductor XCL205 Datasheet HTML 21Page - Torex Semiconductor XCL205 Datasheet HTML 22Page - Torex Semiconductor XCL205 Datasheet HTML 23Page - Torex Semiconductor XCL205 Datasheet HTML 24Page - Torex Semiconductor XCL205 Datasheet HTML 25Page - Torex Semiconductor XCL205 Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22/27
XCL205/XCL206/XCL207 Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) UVLO Voltage vs. Ambient Temperature
(8) CE "H" Voltage vs. Ambient Temperature
(9) CE "L" Voltage vs. Ambient Temperature
(10) Soft Start Time vs. Ambient Temperature
(11) "Pch / Nch" Driver on Resistance vs. Input Voltage
(12) Rise Wave Form
0.0
0.3
0.6
0.9
1.2
1.5
1.8
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
CE=VIN
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=5.0V
3.6V
2.4V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=5.0V
3.6V
2.4V
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=3.6V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
4
5
6
Input Voltage : VIN (V)
Pch on Resistance
Nch on Resistance
CE:0.0V⇒1.0V
XCL206B333
VIN=5.0V
IOUT=1.0mA
Time:100μs/div
VOUT
1ch
2ch
1ch:1V/div
2ch:1V/div
XCL205B333AR/XCL206B333AR/XCL207B333AR
XCL205A183AR/XCL206A183AR/XCL207A183AR
XCL205A183AR/XCL206A183AR/XCL207A183AR
XCL205A183AR/XCL206A183AR/XCL207A183AR
XCL205A183AR/XCL206A183AR/XCL207A183AR
XCL205A183AR/XCL206A183AR/XCL207A183AR
Time: 100μs /div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com