Electronic Components Datasheet Search
  English  ▼

X  

XCL205 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XCL205 Datasheet HTML 12Page - Torex Semiconductor XCL205 Datasheet HTML 13Page - Torex Semiconductor XCL205 Datasheet HTML 14Page - Torex Semiconductor XCL205 Datasheet HTML 15Page - Torex Semiconductor XCL205 Datasheet HTML 16Page - Torex Semiconductor XCL205 Datasheet HTML 17Page - Torex Semiconductor XCL205 Datasheet HTML 18Page - Torex Semiconductor XCL205 Datasheet HTML 19Page - Torex Semiconductor XCL205 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16/27
XCL205/XCL206/XCL207 Series
■OPERATIONAL DESCRIPTION (Continued)
<CE/MODE Pin Function>
The operation of the XCL205/XCL206/ XCL207 series will enter into the shutdown mode when a low level signal is input to the
CE/MODE pin.
During the shutdown mode, the current consumption of the IC becomes 0μA (TYP.), with a state of high
impedance at the Lx pin and VOUT pin. The IC starts its operation by inputting a high level signal to the CE/MODE pin.
The input
to the CE/MODE pin is a CMOS input and the sink current is 0μA (TYP.).
(A)
(B)
(A)
(B)
Intermediate voltage can be generated by RM1 and RM2.
Please set the
value of each R1, R2, RM1, RM2 from
few hundreds kΩ to few hundreds MΩ. For switches, CPU open-drain I/O
port and transistor can be used.
(A)
SW_CE
SELECTED
STATUS
ON
Stand-by
OFF
Operation
(B)
SW_CE
SELECTED
STATUS
ON
Operation
OFF
Stand-by
(A)
SW_CE
SW_PWM/PFM
SELECTED
STATUS
ON
*
PWM/PFM
Automatic
Switching Control
OFF
ON
PWM Control
OFF
OFF
Stand-by
(B)
SW_CE
SW_PWM/PFM
SELECTED
STATUS
ON
*
Stand-by
OFF
ON
PWM Control
OFF
OFF
PWM/PFM
Automatic
Switching Control
CE/MODE
CE/MODE
V
V
V
V
IN
IN
DD
DD
SW_CE
SW_CE
R1
R2
< IC inside >
< IC inside >
< IC inside >
< IC inside >
CE/MODE
CE/MODE
RM1
RM2
RM1
RM2
SW_CE
SW_CE
SW_PWM/PFM
SW_PWM/PFM
V DD
V DD
V IN
V IN
●XCL205/XCL206 series - Examples of how to use CE/MODE pin
●XCL207 series - Examples of how to use CE/MODE pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com