Electronic Components Datasheet Search
  English  ▼

X  

XCL205 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XCL205 Datasheet HTML 8Page - Torex Semiconductor XCL205 Datasheet HTML 9Page - Torex Semiconductor XCL205 Datasheet HTML 10Page - Torex Semiconductor XCL205 Datasheet HTML 11Page - Torex Semiconductor XCL205 Datasheet HTML 12Page - Torex Semiconductor XCL205 Datasheet HTML 13Page - Torex Semiconductor XCL205 Datasheet HTML 14Page - Torex Semiconductor XCL205 Datasheet HTML 15Page - Torex Semiconductor XCL205 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12/27
XCL205/XCL206/XCL207 Series
●VOUT setting example
■TYPICAL APPLICATION CIRCUIT
●XCL205/XCL206/XCL207 Series A/B/C/G Types
●XCL205/XCL206/XCL207 Series F Type
<XCL205/XCL206/XCL207 F type output voltage setting>
The output voltage can be set by adding external dividing resistors. The output voltage is determined by R1 and R2 in the equation below.
The sum of R1 and R2 is normally kept 1MΩor less. The output voltage range can be set from 0.9V to 6.0V based on the 0.8V ±2.0%
reference voltage source.
Note that when the input voltage (VIN) is less than or equal to the set output voltage, an output voltage (VOUT) higher than the input
voltage (VIN) cannot be output.
VOUT=0.8× (R1+R2)/R2
Adjust the value of the phase compensation speedup capacitor CFB so that fzfb=1/ (
2×π×CFB×R1) is 10 kHz or less. It is
optimum to adjust to a value from 1kHz to 20kHbased on the components used and the board layout.
[Calculation example]
When R1=470kΩ, R2=150kΩ,
VOUT=0.8× (470k+150k)/150k=3.3V
●External Components
CIN : 10V/4.7μF (Ceramic)
CL : 6.3V/10μF (Ceramic)
NOTE
The Inductor can be used only for this DC/DC converter.
Please do not use this inductor for the other reasons.
Please use B, X5R, and X7R grades in temperature characteristics
for CIN and CL capacitors.
These grade ceramic capacitors minimize capacitance-loss as a
function of voltage stress.
VOUT(V)
R1(kΩ)
R2
(kΩ)
CFB(pF)
0.9
100
820
150
1.2
150
300
100
1.5
130
150
220
1.8
300
240
150
2.5
510
240
100
3.0
330
120
150
3.3
470
150
100
4.0
120
30
470
V
C
VSS
VSS
CE/MODE
VOUT
LX
VIN
L1
L2
CIN
CL
VIN
VOUT
CIN
7
8
1
2
3
4
5
6
Vss
VIN
Lx
Vss
CE/MODE
FB
L1
L2
R1
R2
CFB
CL
VOUT
● External Components
CIN
: 10V/4.7μF(Ceramic)
CL
: 6.3V/10μF(Ceramic)
R1 : 300kΩ
R2 : 240kΩ
CFB : 150pF
NOTE
The Inductor can be used only for this DC/DC converter.
Please do not use this inductor for the other reasons.
Please use B, X5R, and X7R grad
es in temperature characteristics for CIN and CL capacitors.
These grade ceramic capacitors minimize capacitance-loss
as a function of voltage stress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com