Electronic Components Datasheet Search
  English  ▼

X  

XCL205 Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XCL205 Datasheet HTML 13Page - Torex Semiconductor XCL205 Datasheet HTML 14Page - Torex Semiconductor XCL205 Datasheet HTML 15Page - Torex Semiconductor XCL205 Datasheet HTML 16Page - Torex Semiconductor XCL205 Datasheet HTML 17Page - Torex Semiconductor XCL205 Datasheet HTML 18Page - Torex Semiconductor XCL205 Datasheet HTML 19Page - Torex Semiconductor XCL205 Datasheet HTML 20Page - Torex Semiconductor XCL205 Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17/27
XCL205/XCL206/XCL207
Series
■OPERATIONAL DESCRIPTION (Continued)
<Soft Start>
The XCL205/XCL206/XCL207 series (A, C type) provide 0.9ms (TYP). The XCL205/XCL206/XCL207 series (B, G, F type)
provide 0.32ms (TYP) however, when VOUT is less than 1.8V, provide 0.25ms (TYP.). Soft start time is defined as the time to
reach 90% of the output nominal voltage when the CE pin is turned on.
■FUNCTION CHART
CE/MODE
VOLTAGE
LEVEL
OPERATIONAL STATES
XCL205
XCL206
XCL207
H Level (*1)
Synchronous
PWM Fixed
Control
Synchronous
PWM/PFM
Automatic Switching
Synchronous
PWM/PFM
Automatic Switching
M Level (*2)
━
━
Synchronous
PWM Fixed Control
L Level (*2)
Stand-by
Stand-by
Stand-by
tSS
VCEH
0V
0V
VOUT
90% of setting voltage
Note on CE/MODE pin voltage level range
(*1) H level: 0.65V < H level < 6V (for XCL205/XCL206)
H level: VIN – 0.25V < H level < VIN (for XCL207)
(*2) M level: 0.65V < M level < VIN - 1.0V (for XCL207)
(*3) L level: 0V < L level < 0.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com