Electronic Components Datasheet Search
  English  ▼

X  

XCL205 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 4 Page - Torex Semiconductor

  XCL205 Datasheet HTML 1Page - Torex Semiconductor XCL205 Datasheet HTML 2Page - Torex Semiconductor XCL205 Datasheet HTML 3Page - Torex Semiconductor XCL205 Datasheet HTML 4Page - Torex Semiconductor XCL205 Datasheet HTML 5Page - Torex Semiconductor XCL205 Datasheet HTML 6Page - Torex Semiconductor XCL205 Datasheet HTML 7Page - Torex Semiconductor XCL205 Datasheet HTML 8Page - Torex Semiconductor XCL205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4/27
XCL205/XCL206/XCL207 Series
■PIN ASSIGNMENT
■FUNCTION
CE/MODE
OPERATIONAL STATES
XCL205
XCL206
XCL207
H Level (*1)
Synchronous
PWM Fixed Control
Synchronous
PWM/PFM
Automatic Switching
Synchronous
PWM/PFM
Automatic Switching
M Leve (*2)
-
-
Synchronous
PWM Fixed Control
L Level (*3)
Stand-by
Stand-by
Stand-by
■ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
PIN NUMBER
PIN NAME
FUNCTIONS
1
Lx
Switching Output
2,5
VSS
Ground
3
VOUT
Fixed Output Voltage Pin (A/B/C/G types)
FB
Output Voltage Sense Pin (F type)
4
CE / MODE
Chip Enable & Mode Switch
6
VIN
Power Input
7
L1
Inductor Electrodes
8
L2
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
- 0.3 ~ +6.5
V
LX Pin Voltage
VLX
- 0.3 ~ VIN + 0.3
V
VOUT Pin Voltage(A/B/C/G types)
VOUT
- 0.3 ~ +6.5
V
VFB Pin Voltage(F type)
VFB
- 0.3 ~ +6.5
V
CE/MODE Pin Voltage
VCE
- 0.3 ~ +6.5
V
LX Pin Current
ILX
±1500
mA
Power Dissipation
Pd
1000 (40mm x 40mm Standard board) (*1)
mW
Operating Ambient Temperature
Topr
- 40 ~ + 85
℃
Storage
Temperature(*2)
CL-2025
Tstg
- 40 ~ + 105
℃
CL-2025-02
- 40 ~ + 125
(*1) The power dissipation figure shown is PCB mounted and is for reference only.
The mounting condition is please refer to PACKAGING INFORMATION.
(*2) Storage temperature, are divided by the product specification of the package.
※series CE/MODE pin voltage level range
(*1)H Level :0.65V ≦ H Level ≦ 6V (XCL205,XCL207)
H Level :VIN-0.25V ≦ H Level ≦ VIN (XCL206)
(*2)M Level :0.65V ≦ M Level ≦ VIN-1.0V
(*3)L Level :0V ≦ L Level ≦ 0.25V
(*4)Please do not leave the CE/MODE pin open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com