Electronic Components Datasheet Search
  English  ▼

X  

VS6724 Datasheet(PDF) 111 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 107Page - STMicroelectronics VS6724 Datasheet HTML 108Page - STMicroelectronics VS6724 Datasheet HTML 109Page - STMicroelectronics VS6724 Datasheet HTML 110Page - STMicroelectronics VS6724 Datasheet HTML 111Page - STMicroelectronics VS6724 Datasheet HTML 112Page - STMicroelectronics VS6724 Datasheet HTML 113Page - STMicroelectronics VS6724 Datasheet HTML 114Page - STMicroelectronics VS6724 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 118 page
background image
VS6724
Electrical characteristics
111/118
6.7
Parallel data interface timing
VS6724 contains a parallel data output port (D[7:0]) and associated qualification signals
(HSYNC, VSYNC, PCLK and FSO).
This port can be enabled and disabled (tri-stated) to facilitate multiple camera systems or
bit-serial output configurations. The port is disabled (high impedance) upon reset.
Figure 43.
Parallel data output video timing
Table 62.
Parallel data interface timings
Symbol
Description
Min.
Max.
Unit
fPCLK
PCLK frequency
80
MHz
tPCLKL
PCLK low width
(1/2 * (1/fPCLK)) -1
(1/2 * (1/fPCLK)) +1
ns
tPCLKH
PCLK high width
(1/2 * (1/fPCLK)) -1
(1/2 * (1/fPCLK)) +1
ns
tDV
PCLK to output valid
-1
1
ns
tPCLKL
tPCLKH
1/fPCLK
PCLK
D[0:7]
HSYNC,
polarity = 0
tDV
Valid
VSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com